Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC4527F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC4527F
Description  TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4527F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC4527F Datasheet HTML 1Page - KEC(Korea Electronics) KTC4527F Datasheet HTML 2Page - KEC(Korea Electronics) KTC4527F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2001. 4. 9
2/3
KTC4527F
Revision No : 0
I
- VCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
1
0
I
- V
C
BE
BE
BASE EMITTER VOLTAGE V
(V)
0
COLLECTOR CURRENT I
(A)
C
C
FE
h
- I
0.4
0.8
1.2
1.6
I =0mA
B
0
V
=5V
CE
C
2.0
2.4
2345678
9
10
COLLECTOR CURRENT I
(A)
C
V
, V
- I
CE(sat)
C
0.01
0.05
0.03
0.3
0.1
0.5
1
3
5
I =5I
CB
VBE(sat)
VCE(sat)
0.2
0.4
0.6
0.8
1.2
1.0
COLLECTOR CURRENT I
(A)
0.1
C
0.03
SWITCHING CHARACTERISTICS
0.05
0.1
0.3
0.5
1
3
5
10
stg
t
0.3
0.5
1
3
5
t
t
on
f
1
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
2
5
10
50 100 200
1K
500
SAFE OPERATING AREA
20
SINGLE NONREPETITIVE
PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I
MAX(PULSE)*
C
C
I
MAX(CONTINUOUS)
10mA
20mA
30mA
250mA
200mA
150mA
100mA
80mA
60mA
50mA
40mA
1
0.3
0.1
0.03
0.01
1
3
3
5
10
30
50
100
V
=5V
CE
1
0.01
0.03
0.1
0.3
3
1
2
3
V
=400V
CC
5.I 1=-2.5. I 2=I
BB
C
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
20
BE(sat)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com