Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1597 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1597
Description  14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1597 Datasheet(HTML) 4 Page - Linear Technology

  LTC1597 Datasheet HTML 1Page - Linear Technology LTC1597 Datasheet HTML 2Page - Linear Technology LTC1597 Datasheet HTML 3Page - Linear Technology LTC1597 Datasheet HTML 4Page - Linear Technology LTC1597 Datasheet HTML 5Page - Linear Technology LTC1597 Datasheet HTML 6Page - Linear Technology LTC1597 Datasheet HTML 7Page - Linear Technology LTC1597 Datasheet HTML 8Page - Linear Technology LTC1597 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1591/LTC1597
15917fa
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Outputs (Note 4)
COUT
Output Capacitance (Note 4)
DAC Register Loaded to All 1s: COUT1
●
115
130
pF
DAC Register Loaded to All 0s: COUT1
●
70
80
pF
Digital Inputs
VIH
Digital Input High Voltage
●
2.4
V
VIL
Digital Input Low Voltage
●
0.8
V
IIN
Digital Input Current
●
0.001
±1
μA
CIN
Digital Input Capacitance
(Note 4) VIN = 0V
●
8pF
Timing Characteristics
tDS
Data to WR Setup Time
●
60
ns
tDH
Data to WR Hold Time
●
0ns
tWR
WR Pulse Width
●
60
ns
tLD
LD Pulse Width
●
110
ns
tCLR
Clear Pulse Width
●
60
ns
tLWD
WR to LD Delay Time
●
0ns
Power Supply
VDD
Supply Voltage
●
4.5
5
5.5
V
IDD
Supply Current
Digital Inputs = 0V or VCC
●
10
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2:
±1LSB = ±0.006% of full scale = ±61ppm of full scale for the
LTC1591/LTC1591-1.
±1LSB = ±0.0015% of full scale = ±15.3ppm of full
scale for the LTC1597/LTC1597-1.
Note 3: Using internal feedback resistor.
Note 4: Guaranteed by design, not subject to test.
Note 5: I(OUT1) with DAC register loaded to all 0s.
Note 6: Typical temperature coefficient is 100ppm/
°C.
Note 7: IOUT1 load = 100Ω in parallel with 13pF.
Note 8: To 0.006% for a full-scale change, measured from the rising edge
of LD for the LTC1591/LTC1591-1. To 0.0015% for a full-scale change,
measured from the rising edge of LD for the LTC1597/LTC1597-1.
Note 9: VREF = 0V. DAC register contents changed from all 0s to all 1s or
all 1s to all 0s.
Note 10: VREF = 6VRMS at 1kHz. DAC register loaded with all 1s.
Note 11: Calculation from en = √4kTRB where: k = Boltzmann constant
(J/
°K), R = resistance (Ω), T = temperature (°K), B = bandwidth (Hz).
Note 12: Midscale transition code: 01 1111 1111 1111 to 10 0000 0000
0000 for the LTC1591/LTC1591-1 and 0111 1111 1111 1111 to 1000
0000 0000 0000 for the LTC1597/LTC1597-1.
Note 13: R1 and R2 are measured between R1 and RCOM, REF and RCOM.
Note 14: Measured using the LT1468 op amp in unipolar mode for I/V
converter and LT1468 I/V and LT1001 reference inverter in bipolar mode.
Sample Rate = 50kHz, Signal Frequency = 1kHz, VREF = 5V, TA = 25°C.
The
● denotes specifications that apply over the full operating temperature
range. VCC = 5V ±10%, VREF = 10V, IOUT1 = AGND = DGND = 0V, TA = TMIN to TMAX, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com