Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1665 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1665
Description  Micropower Octal 8-Bit and 10-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1665 Datasheet(HTML) 2 Page - Linear Technology

  LTC1665 Datasheet HTML 1Page - Linear Technology LTC1665 Datasheet HTML 2Page - Linear Technology LTC1665 Datasheet HTML 3Page - Linear Technology LTC1665 Datasheet HTML 4Page - Linear Technology LTC1665 Datasheet HTML 5Page - Linear Technology LTC1665 Datasheet HTML 6Page - Linear Technology LTC1665 Datasheet HTML 7Page - Linear Technology LTC1665 Datasheet HTML 8Page - Linear Technology LTC1665 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC1665/LTC1660
2
166560fa
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
GND
VOUT A
VOUT B
VOUT C
VOUT D
REF
CS/LD
SCK
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CLR
DOUT
DIN
TJMAX = 125°C, θJA = 150°C/W (GN)
TJMAX = 125°C, θJA = 100°C/W (N)
ABSOLUTE MAXIMUM RATINGS
VCC to GND ............................................... –0.2V to 7.5V
Logic Inputs to GND ................................. –0.2V to 7.5V
VOUT A, VOUT B, VOUT H,
REF to GND .................................–0.2V to (VCC + 0.2V)
Maximum Junction Temperature .......................... 125°C
Operating Temperature Range
LTC1665C/LTC1660C.............................. 0°C to 70°C
LTC1665I/LTC1660I ............................ –40°C to 85°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
(Note 1)
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1665CGN#PBF
LTC1665CGN#PBF
1665
16-Lead Plastic SSOP
0°C to 70°C
LTC1665IGN#PBF
LTC1665IGN#PBF
1665I
16-Lead Plastic SSOP
–40°C to 85°C
LTC1660CGN#PBF
LTC1660CGN#PBF
1660
16-Lead Plastic SSOP
0°C to 70°C
LTC1660IGN#PBF
LTC1660IGN#PBF
1660I
16-Lead Plastic SSOP
–40°C to 85°C
LTC1665CN#PBF
LTC1665CN#PBF
LTC1665CN
16-Lead Plastic PDIP
0°C to 70°C
LTC1665IN#PBF
LTC1665IN#PBF
LTC1665IN
16-Lead Plastic PDIP
–40°C to 85°C
LTC1660CN#PBF
LTC1660CN#PBF
LTC1660CN
16-Lead Plastic PDIP
0°C to 70°C
LTC1660IN#PBF
LTC1660IN#PBF
LTC1660IN
16-Lead Plastic PDIP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping
container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com