Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC4793 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC4793
Description  TRIPLE DIFFUSED NPN TRANSISTOR(POWER AMPLIFIER DRIVER STAGE AMPLIFIER)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4793 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC4793 Datasheet HTML 1Page - KEC(Korea Electronics) KTC4793 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 2. 17
2/2
KTC4793
Revision No : 1
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I - V
24
6
8
10
0.2
0.4
0.6
0.8
1.0
BASE-EMITTER VOLTAGE V
(V)
0
00.2
0.8
0.6
0.4
0.2
1.0
I - V
0.6
0.4
0.8
CBE
BE
1.0
1.2
1.4
COMMON EMITTER
Tc=25 C
20
10
I =2mA
4
6
8
B
COMMON EMITTER
V =5V
Tc=100 C
25
-25
CE
COLLECTOR CURRENT I (A)
10
30
50
100
0.003
0.01
Tc=100 C
C
0.03
0.1
1
0.3
500
300
COMMON EMITTER
h - I
FE
C
COLLECTOR CURRENT I (A)
I /I =10
CB
25
-25
C
COMMON EMITTER
CE(sat)
V
- I
Tc=100 C
C
V =5V
CE
Tc=25 C
Tc=-25 C
f - I
T
C
C
COLLECTOR CURRENT I (mA)
5
300
0
30
10
30
100
300
1k
50
100
COMMON EMITTER
V =10V
Tc=25 C
CE
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0.01
35
1
10
30 50 100
300 500
0.03
0.05
0.1
0.3
0.5
1
3
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I MAX(PULSED)
C
I MAX
(CONTINOUS)
C
1ms
10ms
100ms
0.01
3
0.03
0.01
0.003
0.1
0.3
1
0.03
0.05
0.1
0.3
0.5
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com