Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1758-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1758-2
Description  RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1758-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC1758-2 Datasheet HTML 1Page - Linear Technology LTC1758-2 Datasheet HTML 2Page - Linear Technology LTC1758-2 Datasheet HTML 3Page - Linear Technology LTC1758-2 Datasheet HTML 4Page - Linear Technology LTC1758-2 Datasheet HTML 5Page - Linear Technology LTC1758-2 Datasheet HTML 6Page - Linear Technology LTC1758-2 Datasheet HTML 7Page - Linear Technology LTC1758-2 Datasheet HTML 8Page - Linear Technology LTC1758-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1758-1/LTC1758-2
VIN to GND ............................................... –0.3V to 6.5V
VPCA, VPCB Voltage ..................................... – 0.3V to 3V
PCTL Voltage ............................... – 0.3V to (VIN + 0.3V)
RF Voltage ........................................ (VIN – 2.2V) to 7V
IVCC, Continuous ....................................................... 1A
IVCC, 12.5% Duty Cycle .......................................... 2.5A
SHDN, TXEN, BSEL
Voltage to GND ............................ – 0.3V to (VIN + 0.3V)
ORDER PART
NUMBER
MS10 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC1758-2EMS
LTSM
TJMAX = 125°C, θJA = 160°C/W
1
2
3
4
5
VIN
RF
SHDN
BSEL
GND
10
9
8
7
6
VCC
VPCA
VPCB
TXEN
PCTL
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
IVPCA/B, 25% Duty Cycle ...................................... 20mA
Operating Temperature Range (Note 2) . – 30
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Maximum Junction Temperature ........................ 125
°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
(Note 1)
ORDER PART
NUMBER
MS8 PART MARKING
LTC1758-1EMS8
LTSL
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, SHDN = TXEN = HI, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
q
2.7
6
V
IVIN Shutdown Current
SHDN = LO, TXEN = LO, BSEL = LO
q
1
µA
IVIN Autozero Current
SHDN = HI, TXEN = LO
q
1
1.6
mA
IVIN Operating Current
SHDN = HI, TXEN = HI, IVPCA = IVPCB = 0mA, VPCA/B = HI
1.1
1.7
mA
IVCC Current Limit
2.2
A
VIN to VCC Resistance
SHDN = LO, TXEN = LO
90
150
m
Ω
VPCA/B VOL
TXEN = HI, Open Loop, PCTL = –100mV
q
0
0.1
V
VPCA/B Dropout Voltage
ILOAD = 5.5mA, VIN = 2.7V
q
VIN – 0.28
V
VPCA/B Voltage Clamp
RLOAD = 400Ω, PCTL = 2V, External Gain = 0.417
q
2.7
2.85
3.0
V
VPCA/B Output Current
VPCA/B = 2.4V, VIN = 2.7V
q
5.5
9
mA
VPCA/B = 2.6V, VIN = 3V
q
610
mA
VPCA/B Enable Time
VPCTL = 2V Step, CLOAD = 100pF (Note 5)
q
620
1000
ns
VPCA/B Bandwidth
CLOAD = 100pF, RLOAD = 400Ω (Note 8)
q
180
250
330
kHz
VPCA/B Load Capacitance
(Note 6)
100
pF
VPCA/B Slew Rate
VPCTL = 2V Step, CLOAD = 100pF (Note 3)
q
0.75
1.3
V/
µs
VPCA/B Droop
VIN = 2.7V, VPCTL = 2V Step
±1
µV/ms
VPCA/B TXEN Start Voltage
Open Loop, TXEN Low to High, CLOAD = 100pF (Note 9)
500
600
700
mV
SHDN Input Threshold
VIN = 2.7V to 6V, TXEN = LO
q
0.35
1.4
V
TXEN, BSEL Input Threshold
VIN = 2.7V to 6V
q
0.35
1.4
V
TJMAX = 125°C, θJA = 160°C/W
1
2
3
4
VIN
RF
SHDN
GND
8
7
6
5
VCC
VPCA
TXEN
PCTL
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com