Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2945 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2945
Description  Following the market launch of the award winning
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2945 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2945 Datasheet HTML 1Page - STMicroelectronics AN2945 Datasheet HTML 2Page - STMicroelectronics AN2945 Datasheet HTML 3Page - STMicroelectronics AN2945 Datasheet HTML 4Page - STMicroelectronics AN2945 Datasheet HTML 5Page - STMicroelectronics AN2945 Datasheet HTML 6Page - STMicroelectronics AN2945 Datasheet HTML 7Page - STMicroelectronics AN2945 Datasheet HTML 8Page - STMicroelectronics AN2945 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AN2945
Core
Doc ID 15468
5/18
1
Core
The STM8™ CPU is a proprietary architecture that maintains the legacy of the previous ST7
core while being a breakthrough in terms of 8-bit CPU efficiency and code density. The
STM32 is built around the industry standard ARM® Cortex™-M3 32-bit core and benefits
from the complete ecosystem of development tools and software solutions associated with
ARM processors. Although they may be perceived as radically different, these two
processors indeed share many architectural similarities summarized in Table 1.
Both are based on the Harvard architecture. They have 3-stage pipelined execution that
minimizes the execution time, a clock speed up to 24 MHz for the STM8S and up to 72 MHz
for the STM32 family.
They are devised to be highly energy efficient, with several low power modes, and they
benefit from memory interfaces wider than the average instruction length (32- and 64-bit
wide busses, respectively). This minimizes the number of accesses to the memory bus and
thus the consumption related to address bus toggling and non-volatile memory read
accesses. Interrupt tail chaining and the Halt/Sleep on exit modes also help avoiding
unnecessary stack accesses.
Finally, in terms of code density, both have excellent results, owing to the 8-bit CISC
instruction set for the STM8S family and, to the 16-bit Thumb-2 mode introduced by the
Cortex core for the STM32 family.
This short comparison demonstrates that both processors are state-of-the-art in terms of
micro-architectural features. The STM8 is at the level of legacy of 16-bit processors, and the
Cortex-M3 meets the requirements of applications currently using 32-bit down to mid/high-
end 16-bit MCUs. The combination of the STM8 and STM32 therefore establishes a
performance continuum, which is now also supported at tool levels by a third party offering a
unified development platform for both product lines.
Table 1.
STM8 and STM32: core comparison
STM8
Cortex-M3
Data path
8-bit
32-bit
Drhystone MIPS (0WS)
0.29 DMIPS
1.22 DMIPS
Architecture
Harvard
Harvard
Pipeline
Yes, three-stage
Yes, three-stage
Instruction set
CISC
RISC
Program bus data width
32-bit
32-bit
Prefetch buffer
Yes, 2 × 32-bit, internal
Yes, 2 × 64-bit, in memory interface
Average instruction size
2 bytes
2 bytes
Interrupt type
Latency
Vectorized
9 cycles, tail chaining supported
Vectorized
12 cycles, tail chaining supported
Low power modes
Slow, Wait for Event or interrupts,
Halt, Halt on exit
Slow, Sleep (Wait for event or
interrupt), Sleep on exit, Deep sleep
Debug interface
1-wire (SWIM)
2-wires or legacy JTAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com