Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2957 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2957
Description  Implementing an RC5 infrared transmitter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2957 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2957 Datasheet HTML 6Page - STMicroelectronics AN2957 Datasheet HTML 7Page - STMicroelectronics AN2957 Datasheet HTML 8Page - STMicroelectronics AN2957 Datasheet HTML 9Page - STMicroelectronics AN2957 Datasheet HTML 10Page - STMicroelectronics AN2957 Datasheet HTML 11Page - STMicroelectronics AN2957 Datasheet HTML 12Page - STMicroelectronics AN2957 Datasheet HTML 13Page - STMicroelectronics AN2957 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
RC5 coding scheme
AN2957
10/21
Doc ID 15550 Rev 2
2.4
Bit descriptions
RC5 bits are Manchester coded, this means that a bit is composed of 2 alternated half bits.
A low to high transition means that the bit is "1", a high to low transition means "0".
The frequency used to code a bit is 562.429 Hz (1778 µs), half bits have the same width
(889 µs each).
Figure 6.
RC5 bit description
2.5
RC5 frames
RC5 frames are composed of 14 bits, the width of a frame is 24.892 ms (14 x 1.778 ms =
24.892 ms)
To avoid frame collisions, an idle time is inserted between two frames with a specific width.
The idle time is defined as 50 bits wide. So the periodicity of a frame is 64 x 1 bit width: 64 x
1.778 = 113.792 ms (exactly 113.788 ms).
Figure 7.
RC5 frame description
"0"
889 µs
1778 µs
14 bits
50 bits
14 bits
Frame 1
Idle time
Frame 2
64 bits = 113.788 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com