Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2966 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2966
Description  Capacitor selection guide for STM8T141 capacitive sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2966 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2966 Datasheet HTML 1Page - STMicroelectronics AN2966 Datasheet HTML 2Page - STMicroelectronics AN2966 Datasheet HTML 3Page - STMicroelectronics AN2966 Datasheet HTML 4Page - STMicroelectronics AN2966 Datasheet HTML 5Page - STMicroelectronics AN2966 Datasheet HTML 6Page - STMicroelectronics AN2966 Datasheet HTML 7Page - STMicroelectronics AN2966 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2013
DocID015600 Rev 3
1/8
AN2966
Application note
Capacitor selection guide for STM8T141
capacitive sensor
Introduction
Capacitors feature some non-ideal characteristics that unfortunately limit their use in certain
applications. The objective of this application note is to help designers in selecting the right
sampling capacitor (CS) for their applications by investigating the most important
undesirable characteristics. For STM8T141 devices, the specific power mode selected and
the proximity sensitivity will also directly influence this decision.
Table 1: Applicable products
Type
Applicable products
Microcontrollers
STM8T141
www.st.com


Similar Part No. - AN2966

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN296 SILABS-AN296 Datasheet
442Kb / 24P
USING THE Si3400 AND Si3401 POE PD CONTROLLERS IN ISOLATED AND NON-ISOLATED DESIGNS
logo
STMicroelectronics
AN2960 STMICROELECTRONICS-AN2960 Datasheet
452Kb / 41P
ultra compact linear accelerometer
12-Jun-2009
AN2961 STMICROELECTRONICS-AN2961 Datasheet
345Kb / 14P
STEVAL-ILL026V1 non-isolated 3 W offline LED driver based on the VIPER22A-E
13-Nov-2009
AN2967 STMICROELECTRONICS-AN2967 Datasheet
169Kb / 9P
Implementing a driven shield on STM8T and STM8TS capacitive sensors
04-May-2009
More results

Similar Description - AN2966

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MC138 TOKO-MC138 Datasheet
432Kb / 1P
SELECTION GUIDE FOR STANDARD COILS
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
Master Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
selection guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
Selection Guide
logo
Mallory performance clu...
6870M MALLORY-6870M Datasheet
23Kb / 2P
TROUBLESHOOTING GUIDE FOR CAPACITIVE DISCHARGE
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
Device Selection Guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
SELECTION GUIDE
logo
STMicroelectronics
AN4310 STMICROELECTRONICS-AN4310 Datasheet
181Kb / 8P
Sampling capacitor selection guide for MCU based touch sensing applications
11-Jun-2014
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
IRLED SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
Adhesives Selection Guide
2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com