Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2967 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2967
Description  Implementing a driven shield on STM8T and STM8TS capacitive sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2967 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2967 Datasheet HTML 1Page - STMicroelectronics AN2967 Datasheet HTML 2Page - STMicroelectronics AN2967 Datasheet HTML 3Page - STMicroelectronics AN2967 Datasheet HTML 4Page - STMicroelectronics AN2967 Datasheet HTML 5Page - STMicroelectronics AN2967 Datasheet HTML 6Page - STMicroelectronics AN2967 Datasheet HTML 7Page - STMicroelectronics AN2967 Datasheet HTML 8Page - STMicroelectronics AN2967 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2009
Doc ID 15601 Rev 1
1/9
AN2967
Application note
Implementing a driven shield
on STM8T and STM8TS capacitive sensors
Introduction
The STM8T and STM8TS capacitive sensors opens up a new dimension to capacitive
sensing by detecting user’s proximity up to 30 cm. This is a key feature for many end-
applications such as personal navigation devices (PNDs) or stove tops which are equipped
with backlighting that switches on when a user is detected. Proximity detectors are also
implemented in white goods, automotive devices, palm tops, and on any type of kitchen or
office appliance where the display needs to be turned on to allow some parameters to be
adjusted by the user.
To enhance their application appearance and ease-of-use, designers can choose to add
proximity detection as an extra feature. The alternative is to implement it to save energy,
allowing the product to remain in sleep mode and only wake up when it detects a user in its
proximity.
www.st.com


Similar Part No. - AN2967

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN296 SILABS-AN296 Datasheet
442Kb / 24P
USING THE Si3400 AND Si3401 POE PD CONTROLLERS IN ISOLATED AND NON-ISOLATED DESIGNS
logo
STMicroelectronics
AN2960 STMICROELECTRONICS-AN2960 Datasheet
452Kb / 41P
ultra compact linear accelerometer
12-Jun-2009
AN2961 STMICROELECTRONICS-AN2961 Datasheet
345Kb / 14P
STEVAL-ILL026V1 non-isolated 3 W offline LED driver based on the VIPER22A-E
13-Nov-2009
AN2966 STMICROELECTRONICS-AN2966 Datasheet
171Kb / 8P
Capacitor selection guide for STM8T141 capacitive sensor
17-Sep-2013
More results

Similar Description - AN2967

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3324 STMICROELECTRONICS-AN3324 Datasheet
254Kb / 37P
Implementing power-on self tests
25-Sep-2013
logo
Balluff Korea Ltd.
BCS0179 BALLUFF-BCS0179 Datasheet
154Kb / 2P
Capacitive Sensors
BCS017H BALLUFF-BCS017H Datasheet
106Kb / 2P
Capacitive Sensors
BCS004K BALLUFF-BCS004K Datasheet
120Kb / 2P
Capacitive Sensors
BCS004M BALLUFF-BCS004M Datasheet
120Kb / 2P
Capacitive Sensors
BCS004T BALLUFF-BCS004T Datasheet
120Kb / 2P
Capacitive Sensors
BCS012T BALLUFF-BCS012T Datasheet
134Kb / 3P
Capacitive Sensors
BCS012U BALLUFF-BCS012U Datasheet
140Kb / 3P
Capacitive Sensors
BCS00PJ BALLUFF-BCS00PJ Datasheet
119Kb / 2P
Capacitive Sensors
BCS00PZ BALLUFF-BCS00PZ Datasheet
118Kb / 2P
Capacitive Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com