Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2970 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2970
Description  This application note describes the ProxSense
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2970 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2970 Datasheet HTML 3Page - STMicroelectronics AN2970 Datasheet HTML 4Page - STMicroelectronics AN2970 Datasheet HTML 5Page - STMicroelectronics AN2970 Datasheet HTML 6Page - STMicroelectronics AN2970 Datasheet HTML 7Page - STMicroelectronics AN2970 Datasheet HTML 8Page - STMicroelectronics AN2970 Datasheet HTML 9Page - STMicroelectronics AN2970 Datasheet HTML 10Page - STMicroelectronics AN2970 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Revision history
AN2970
10/10
DocID15625 Rev 2
2
Revision history
Table 3. Document revision history
Date
Revision
Changes
04-May-2009
1
Initial release.
12-Sep-2013
2
Replaced “STM8T and STM8TS” with “STM8T14x”.
Updated Introduction.
Updated Figure 2: Depiction of channel charge-transfer
hardware.
Added Table Of Content (TOC), List Of Tables (LOT),
List Of Figures (LOF).
Added Table 1: Applicable products.
Updated titles: Figure 1: Coupling with hand increases
the capacitance of the sensing electrode.
Figure 7: Non-ideal transfer cycles.
Figure 8: Charge cycle resulting from non-ideal transfer
cycles.
Transfer rate updated as 250 kHz in Section 1.3:
Transfer rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com