Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2979 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2979
Description  Implementing a simple ADC using the STM8L101xx comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2979 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2979 Datasheet HTML 4Page - STMicroelectronics AN2979 Datasheet HTML 5Page - STMicroelectronics AN2979 Datasheet HTML 6Page - STMicroelectronics AN2979 Datasheet HTML 7Page - STMicroelectronics AN2979 Datasheet HTML 8Page - STMicroelectronics AN2979 Datasheet HTML 9Page - STMicroelectronics AN2979 Datasheet HTML 10Page - STMicroelectronics AN2979 Datasheet HTML 11Page - STMicroelectronics AN2979 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Measurements and calibration
AN2979
8/12
Doc ID 15651 Rev 1
4
Measurements and calibration
4.1
Typical measurements
The following values are given for information only.
4.2
Precision of the measured value
When using the RC charge equation, the precision of the measured value depends on the
accuracy of the capacitor C and the resistor R.
Accuracy example:
if C=100 nF with 10% accuracy: Cacc1 =90 nF or Cacc2 =110 nF
if R=10 k
Ω with 2% accuracy: Racc1=9.8 kΩ or Racc2=10.2 kΩ
Calculation of the RC constant:
Charge equations:
Table 1.
Measured value after conversion and margin error for VDD=3.3 V
Value to be measured (V)
Measured value after conversion (V)
Error (%)
0.25
0.204
18.4%
0.5
0.419
16.2%
0.8
0.704
12%
1
0.903
9.7%
1.25
1.14
8.8%
1.5
1.39
7.33%
1.75
1.628
6.97%
TR
C
×
10
10
3
×
()
100
10
9
–
×
()
×
1 ms
==
=
T
ACC1
R
ACC1
C
ACC1
×
9.8
10
3
×
()
90
10
9
–
×
()
×
882
μs
==
=
T
ACC2
R
ACC2
C
ACC2
×
10.2
10
3
×
()
110
10
9
–
×
()
×
1.122 ms
==
=
V
meas
V
DD
1
t
T
---
–
⎝⎠
⎛⎞
exp
–
⎝⎠
⎛⎞
×
=
V
measacc1
V
DD
1
t
T
acc1
-----------------
–
⎝⎠
⎜⎟
⎛⎞
exp
–
⎝⎠
⎜⎟
⎛⎞
×
=
V
measacc2
V
DD
1
t
T
acc2
-----------------
–
⎝⎠
⎜⎟
⎛⎞
exp
–
⎝⎠
⎜⎟
⎛⎞
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com