Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2991 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2991
Description  Single-phase induction motor drive for refrigerator compressor application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2991 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2991 Datasheet HTML 6Page - STMicroelectronics AN2991 Datasheet HTML 7Page - STMicroelectronics AN2991 Datasheet HTML 8Page - STMicroelectronics AN2991 Datasheet HTML 9Page - STMicroelectronics AN2991 Datasheet HTML 10Page - STMicroelectronics AN2991 Datasheet HTML 11Page - STMicroelectronics AN2991 Datasheet HTML 12Page - STMicroelectronics AN2991 Datasheet HTML 13Page - STMicroelectronics AN2991 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Doc ID 15772 Rev 2
11/14
AN2991
Electronic thermostat versus mechanical thermostat
14
.
It is shown that reducing the temperature ripple improves the appliance efficiency. This can
be explained by the fact that the useful energy is not wasted.
The Case 2 allows a saving of 8 W by reducing the threshold level by little more than 1 °C.
Electromechanically controlled refrigerators exhibit a temperature ripple in the range of 10 to
20 °C. A decrease to a few degrees Celsius, will allow a saving of up to 20% of energy
consumption. This means a 20 W saving for a 150 W compressor (100 W average power
with a 2/3 duty cycle).
Of course, reducing the temperature ripple brings one drawback. This is that the motor
running cycle frequency increases. In our example, this frequency increases by around 20%
(2.06 cycles per hour with Case 1, and 2.46 cycles per hour with Case 2). This is not a
problem for electronic switches where the cycling capability is 10 times or more that of
electromechanical switches. From the motor point of view, the higher number of cycles
should not reduce its reliability as:
Motor temperature ripple is decreased thanks to a higher cycle frequency.
The start winding conduction length is reduced thanks to an electronic control instead
of a thermal-active solution (PTC).
An over current protection, which reduces motor stress, is provided by the MCU.
Table 1. Power consumption versus hysteresis threshold
Case 1
(hyst. thresh. = 5.3 °C)
Case 2
(hyst. thresh. = 4.2 °C)
Measure
Compressor on time
12' 50"
9' 10"
Compressor off time
16' 20"
15' 10"
Average power during on time
136 W
138 W
Calculation
Cycle period
29' 10"
24' 20"
Duty cycle
0.44
0.38
Average power consumption
60 W
52 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com