Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3002 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3002
Description  Description of the M24LRxx-R and M24LRxxE-R dual interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3002 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3002 Datasheet HTML 1Page - STMicroelectronics AN3002 Datasheet HTML 2Page - STMicroelectronics AN3002 Datasheet HTML 3Page - STMicroelectronics AN3002 Datasheet HTML 4Page - STMicroelectronics AN3002 Datasheet HTML 5Page - STMicroelectronics AN3002 Datasheet HTML 6Page - STMicroelectronics AN3002 Datasheet HTML 7Page - STMicroelectronics AN3002 Datasheet HTML 8Page - STMicroelectronics AN3002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AN3002
User memory organization
Doc ID 15912 Rev 2
5/22
1
User memory organization
The M24LRxx is divided into 64 sectors of 32 blocks of 32 bits. Figure 2 shows the memory
sector organization. Each sector can be individually read- and/or write-protected using a
specific password command. Read and write operations are possible if the addressed data
is not in a protected sector.
The M24LRxx also has a 64-bit block that is used to store the 64-bit unique identifier (UID).
The UID is compliant with the ISO 15963 description, and its value is used during the
anticollision sequence (Inventory). This block is not accessible by the user and its value is
written by ST on the production line.
The M24LRxx includes an AFI register that stores the application family identifier, and a
DSFID register that stores the data storage family identifier used in the anticollision
algorithm.
The M24LRxx has four additional 32-bit blocks that store an I2C password plus three RF
password codes.
Figure 2.
Memory sector organization
Sector details
The M24LRxx user memory is divided into 64 sectors. Each sector contains 1024 bits.
In RF mode, a sector provides 32 blocks of 32 bits. Each read / write access is done by
block. Read and write block accesses are controlled by a Sector security status byte that
defines the access rights to all the 32 blocks contained in the sector. If the sector is not
protected, a Write command updates all 32 bits of the selected block.
0
1 Kbit EEPROM sector
5 bits
1
1 Kbit EEPROM sector
5 bits
2
1 Kbit EEPROM sector
5 bits
3
1 Kbit EEPROM sector
5 bits
60
1 Kbit EEPROM sector
5 bits
61
1 Kbit EEPROM sector
5 bits
62
1 Kbit EEPROM sector
5 bits
63
1 Kbit EEPROM sector
5 bits
I2C Password
System
RF Password 1
System
RF Password 2
System
RF Password 3
System
8 bit DSFID
System
8 bit AFI
System
64 bit UID
System
Sector
Area
Sector security
status
ai15124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com