Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3110 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3110
Description  Using the STVM100 to automatically adjust VCOM voltage in e-paper
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3110 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3110 Datasheet HTML 1Page - STMicroelectronics AN3110 Datasheet HTML 2Page - STMicroelectronics AN3110 Datasheet HTML 3Page - STMicroelectronics AN3110 Datasheet HTML 4Page - STMicroelectronics AN3110 Datasheet HTML 5Page - STMicroelectronics AN3110 Datasheet HTML 6Page - STMicroelectronics AN3110 Datasheet HTML 7Page - STMicroelectronics AN3110 Datasheet HTML 8Page - STMicroelectronics AN3110 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
January 2010
Doc ID 16799 Rev 1
1/10
AN3110
Application note
Using the STVM100
to automatically adjust VCOM voltage in e-paper
Introduction
The widespread use of multimedia electronic devices, coupled with environmental concerns
over the manufacturing and use of traditional paper products, provide the opportunity for the
utilization of electronic paper (e-paper).
Electronic paper is the best replacement for conventional paper. A high-quality image can
be displayed for weeks without power. Energy is consumed only during the short refresh
time. Unlike its counterpart, liquid crystal display (LCD) devices, e-paper does not require a
backlight, which not only saves energy, but also makes reading more comfortable.
Achieving high-quality images on e-paper requires the correct setting of the VCOM voltage
on the PC board. STMicroelectronics offers the STVM100 VCOM calibrator which is ideal
for e-paper applications and allows the VCOM voltage to be set automatically. In this
application note, the e-paper principle is briefly described so that the user can understand
the necessity of an accurate VCOM voltage setting and how the STVM100 can be used for
this purpose.
www.st.com


Similar Part No. - AN3110

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN311 SILABS-AN311 Datasheet
118Kb / 4P
CP2120 PORTING GUIDE
logo
STMicroelectronics
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
18 W single-stage offline LED driver
08-Feb-2011
AN3112 STMICROELECTRONICS-AN3112 Datasheet
727Kb / 36P
Solution for designing a fixed off-time controlled PFC pre-regulator
09-Feb-2011
AN3114 STMICROELECTRONICS-AN3114 Datasheet
717Kb / 43P
This application note describes techniques for connecting
08-Nov-2012
AN3115 STMICROELECTRONICS-AN3115 Datasheet
875Kb / 28P
LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
28-Jan-2011
More results

Similar Description - AN3110

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17135 MAXIM-MAX17135 Datasheet
1Mb / 23P
Multi-Output DC-DC Power Supply with VCOM Amplifier and Temperature Sensor for E-Paper Applications
Rev 1; 12/11
MAX17135_1205 MAXIM-MAX17135_1205 Datasheet
1Mb / 23P
Multi-Output DC-DC Power Supply with VCOM Amplifier and Temperature Sensor for E-Paper Applications
Rev 2; 5/12
logo
Rohm
UDZS10B ROHM-UDZS10B_12 Datasheet
158Kb / 5P
Constant voltage control Can be mounted automatically, using chip mounter.
UDZS15B ROHM-UDZS15B_12 Datasheet
159Kb / 5P
Zener diode Can be mounted automatically, using chip mounter.
logo
STMicroelectronics
AN2686 STMICROELECTRONICS-AN2686 Datasheet
525Kb / 11P
Using the STVM100 to fully auto adjust LCD flicker
16-May-2008
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0534 AVAGO-HFBR-0534 Datasheet
183Kb / 3P
On board potentiometer to adjust the voltage to the SFP for 2.64 to 3.65 V
logo
PHOENIX CONTACT
2701072 PHOENIX-2701072 Datasheet
72Kb / 4P
Automatically recognized by the firmware
2701328 PHOENIX-2701328 Datasheet
79Kb / 4P
Automatically recognized by the firmware
2701960 PHOENIX-2701960 Datasheet
66Kb / 3P
Automatically recognized by the firmware
logo
List of Unclassifed Man...
GDEW0154M09 ETC-GDEW0154M09 Datasheet
2Mb / 58P
1.54 inch E-paper Display Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com