Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3126 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3126
Description  Audio and waveform generation using the DAC in STM32 microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3126 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3126 Datasheet HTML 8Page - STMicroelectronics AN3126 Datasheet HTML 9Page - STMicroelectronics AN3126 Datasheet HTML 10Page - STMicroelectronics AN3126 Datasheet HTML 11Page - STMicroelectronics AN3126 Datasheet HTML 12Page - STMicroelectronics AN3126 Datasheet HTML 13Page - STMicroelectronics AN3126 Datasheet HTML 14Page - STMicroelectronics AN3126 Datasheet HTML 15Page - STMicroelectronics AN3126 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
DAC main features
AN3126
12/24
Doc ID16895 Rev 2
For more details about the triangular waveform, please read the dedicated sections in the
reference manuals of the STM32 products.
The triangular waveform frequency is related to the frequency of the trigger source.
Figure 8. Triangular waveform
The offset of the triangular waveform is programmable (see Figure 9). By varying the offset
of the triangular waveform with a preconfigured table of offsets (signal pattern), user can
obtain a waveform which corresponds to the sum of the signal pattern and the triangular
waveform.
Table 3. Preprogrammable triangular waveform amplitude values
MAMPx[3:0] bits
Digital Amplitude
Analog Amplitude (Volt)
(with Vref+ = 3.3V)
0
1
0.0016
1
3
0.0032
2
7
0.0064
3
15
0.0128
4
31
0.0257
5
63
0.0515
6
127
0.1031
7
255
0.2062
8
511
0.4125
9
1023
0.8250
10
2045
1.6483
≥ 11
4095
3.3000
ai18307
3.3V
Time
0V
Offset
Frequency
Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com