Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3128 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 10Page - STMicroelectronics AN3128 Datasheet HTML 11Page - STMicroelectronics AN3128 Datasheet HTML 12Page - STMicroelectronics AN3128 Datasheet HTML 13Page - STMicroelectronics AN3128 Datasheet HTML 14Page - STMicroelectronics AN3128 Datasheet HTML 15Page - STMicroelectronics AN3128 Datasheet HTML 16Page - STMicroelectronics AN3128 Datasheet HTML 17Page - STMicroelectronics AN3128 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 105 page
background image
Multi-input embedded GUI library
AN3128
14/105
Doc ID 16918 Rev 5
3
Multi-input embedded GUI library
3.1
Introduction
The library supports touchscreen features and includes a low level driver which handles the
analog input (for 12-bit ADC), and a function for the touchscreen calibration based on an
algorithm using 5 points.
The multi-input embedded GUI firmware library is fully developed in 'ANSI-C' following an
OOP approach. This means that the final application uses instances of page and graphic
objects according to their public methods and properties. In the end the PageObj is a
structure containing public properties (data fields) and methods (functions pointers). The
OOP encapsulation feature is assured.
The library can be included in the final application as a library file (multi-input embedded
GUI library.a) and used as a black box through its exported public API, or included in the
final application as source files (.c and .h) if the user wants to debug the library itself, and/or
change the HAL functions in order to port the library on an LCD different (in model and
resolution).
The calibration process is part of the post-processing layer. The touchscreen must be
calibrated at first power-on and/or upon user request.
Once the calibration is done, on future power-on of the board it does not have to be run
again because the calibration parameters are saved on the Flash memory.
3.2
Graphic object introduction
This solution enables designers, comfortable with the use of standard microcontrollers, to
create higher-end “look and feel” human interfaces by replacing conventional
electromechanical switches with touch sensing controls.
Designers can combine touch sensing functions using multiple configurations (touchscreen,
joystick, and keys) with traditional MCU features (communication, LED control, beeper, LCD
control, etc.).
The multi-input embedded GUI library is part of the application firmware.
Maturity, robustness, flexibility, and performance, with good time-to-market, make this
solution simple to implement to develop any kind of application.
The graphic objects are a set of controls that can be printed on the screen and associated to
an action when pressed.
The library has been developed and tested on an LCD panel of QVGA resolution (320x240)
which is the default, but the library is independent to the LCD resolution, although it has not
been tested with others.
The library has been designed to have the minimum memory footprint possible.
The reserved Flash memory footprint requirement depends on the application configuration.
It is therefore not possible to specify a precise value, but normally for a “typical” user
application, 64 Kbytes of Flash memory are needed (the images are stored in ROM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com