| Electronic Components Datasheet Search |
|
AN3133 Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3133 Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 43 page ![]() AN3133 Real-time clock overview Doc ID 16956 Rev 5 15/43 RTC_ALARM output connected to the wakeup unit When the wakeup downcounting timer reaches 0, the wakeup flag is set to ‘1’. If this flag is selected as source for the RTC_ALARM output (OSEL[1:0] bits set to ‘11’ in RTC_CR3 register), the output will be set depending to the polarity selected and will remain set as long as the flag is not cleared. Figure 10. Periodic wake-up routed to RTC_ALARM pinout 1.8 RTC security aspects 1.8.1 RTC Register write protection To protect RTC registers against possible parasitic write accesses after reset, the RTC registers are automatically locked. They must be unlocked to update the current calendar time and date. Writing to the RTC registers is enabled by programming a key in the Write protection register (RTC_WPR). The following steps are required to unlock the write protection of the RTC register: 1. Write 0xCA into the RTC_WPR register. 2. Write 0x53 into the RTC_WPR register. Writing an incorrect key automatically reactivates the RTC register write access protection. 1.8.2 Enter/Exit initialization mode The RTC can operate in two modes: ● Initialization mode where the counters are stopped. ● Free-running mode where the counters are running. The calendar cannot be updated while the counters are running. The RTC must consequently be switched to Initialization mode before updating the time and date. When operating in this mode, the counters are stopped. They start counting from the new value when the RTC enters Free-running mode. The INIT bit of the RTC_ISR1 register allows to switch from one mode to another, while the INITF bit can be used to check the RTC current mode. The RTC must be in Initialization mode to program the time and date registers (RTC_TRx and RTC_DRx) and the prescaler registers (RTC_SPRERx and RTC_APRER). This is done by setting the INIT bit and waiting until the RTC_ISR1_INITF flag is set. To return to Free-running mode and restart counting, the RTC must exit Initialization mode. This is done by resetting the INIT bit. ai17266 Periodic wakeup flag Alarm flag Wakeup unit 16-bit autoreload timer RTC_ALARM output RTC_CR3/OSEL[1:0] |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |