Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3155 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN3155
Description  USART protocol used in the STM32 bootloader
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3155 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3155 Datasheet HTML 29Page - STMicroelectronics AN3155 Datasheet HTML 30Page - STMicroelectronics AN3155 Datasheet HTML 31Page - STMicroelectronics AN3155 Datasheet HTML 32Page - STMicroelectronics AN3155 Datasheet HTML 33Page - STMicroelectronics AN3155 Datasheet HTML 34Page - STMicroelectronics AN3155 Datasheet HTML 35Page - STMicroelectronics AN3155 Datasheet HTML 36Page - STMicroelectronics AN3155 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Revision history
AN3155
36/37
DocID17066 Rev 6
5
Revision history
Table 4. Document revision history
Date
Revision
Changes
09-Mar-2010
1
Initial release.
20-Apr-2010
2
Table 2: USART bootloader commands: added Extended Erase
command; removed footnote 2 concerning read protection from the
Readout Protect command.
Communication safety: amended Note 1.
Section 3.1: Get command: updated byte 10.
Updated Figure 10: Go command: host side for missing ACK state.
Section 3.7: Write Memory command: added Note 1 and Note 2.
Figure 12, and Figure 13: added notes regarding N+1.
Added Section 3.8: Extended Erase Memory command.
Table 3: Bootloader protocol versions: added v3.0.
12-Feb-2013
3
Added Note:, Note and Note:.
Changed all occurences of “ROP” by “RDP” including in figures:
Figure 9., Figure 11., Figure 13., Figure 15., Figure 17., Figure 19.,
Figure 21., Figure 23., Figure 25..
Added Table 1: Applicable products.
26-Mar-2013
4
Added Version 3.1 in Table 3: Bootloader protocol versions.
Updated “byte 4” value in Section 3.3: Get ID command.
Replaced “address” by “ID” in this Note 1.
Replaced “End of EER” by “End of Go” in Figure 10: Go command:
host side.
Updated first sentence in Section 3.7: Write Memory command.
Removed “& address=0x1FFF F800” and replaced the two tests
“Flash memory address?” and “RAM address?” by a single test in
Figure 13: Write Memory command: device side.
Precised missing “Y” values in the third test of Figure 17: Extended
Erase Memory command: device side.
Added this Note: above Figure 24: Readout Unprotect command:
host side.
22-May-2013
5
Replaced “STM32L151xx, STM32L152xx and STM32L162xx” by
“STM32L1 Series” in Table 1: Applicable products.
20-Jun-2014-
6
Updated Table 1: Applicable products.
Removed note 4 and added Note 3.in Table 2: USART bootloader
commands.
Removed section 3.1 Device-dependent bootloader parameters.
Updated Figure 10: Go command: host side and Figure 11: Go
command: device side.
Updated Section 3.6: Write Memory command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com