Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTD1824 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTD1824
Description  EPITAXIAL PLANAR NPN TRANSISTOR (FOR LOW-FREQUENCY AMPLIFICATION)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD1824 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTD1824 Datasheet HTML 1Page - KEC(Korea Electronics) KTD1824 Datasheet HTML 2Page - KEC(Korea Electronics) KTD1824 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2001. 11. 29
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTD1824
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 1
FOR LOW-FREQUENCY AMPLIFICATION.
FEATURES
High foward current transfer ratio hFE.
Low collector to emitter saturation voltage VCE(sat).
High emitter to base voltage VEBO.
Low noise voltage NV.
USM type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
MAXIMUM RATINGS (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
1. EMITTER
2. BASE
3. COLLECTOR
USM
2.00 0.20
1.25 0.15
0.90 0.10
0.3+0.10/-0.05
2.10 0.20
0.65
0.15+0.1/-0.06
1.30
0.00-0.10
0.70
C
G
H
J
K
L
K
1
3
2
E
B
D
H
MM
N
N
M
0.42 0.10
N
0.10 MIN
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=20V, IE=0
-
-
100
nA
ICEO
VCE=20V, IB=0
-
-
1
A
Collector-Base Breakdown Voltage
V(BR)CBO
IC=10 A, IE=0
50
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, IB=0
40
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10 A, IC=0
15
V
DC Current Gain
hFE (Note)
VCE=10V, IC=2mA
400
1000
2000
Collector-Emitter Saturation Voltage
VCE(sat)
IC=10mA, IB=1mA
-
0.05
0.2
V
Transition Frequency
fT
VCB=10V, IE=-2mA, f=200MHz
-
120
-
MHz
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
15
V
Collector Current
DC
IC
50
mA
Pulse
ICP
100
Collector Power Dissipation
PC
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
h
Rank
Type Name
Marking
L
FE
Note : hFE Classification
A:400~800, B:600~1200, C:1000~2000


Similar Part No. - KTD1824

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1824 KEC-KTD1824 Datasheet
21Kb / 1P
USM PACKAGE
KTD1824E KEC-KTD1824E Datasheet
71Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (FOR LOW-FREQUENCY AMPLIFICATION)
KTD1824 KEC-KTD1824_08 Datasheet
21Kb / 1P
USM PACKAGE
More results

Similar Description - KTD1824

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3663 NEC-2SC3663 Datasheet
110Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5433 NEC-2SC5433 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5434 NEC-2SC5434 Datasheet
61Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
Panasonic Semiconductor
2SC2497 PANASONIC-2SC2497 Datasheet
70Kb / 4P
Silicon NPN epitaxial planar type(For low-frequency power amplification)
2001 MAR
2SD2051 PANASONIC-2SD2051 Datasheet
57Kb / 2P
Silicon NPN epitaxial planar type Darlington(For low-frequency amplification)
logo
KEC(Korea Electronics)
KTD1824E KEC-KTD1824E Datasheet
71Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (FOR LOW-FREQUENCY AMPLIFICATION)
logo
Panasonic Semiconductor
2SD2621 PANASONIC-2SD2621 Datasheet
88Kb / 3P
Silicon NPN epitaxial planar type For low-frequency driver amplification
XN01558 PANASONIC-XN01558 Datasheet
78Kb / 3P
Silicon NPN epitaxial planar type For low-frequency amplification
DSC7003 PANASONIC-DSC7003 Datasheet
315Kb / 3P
Silicon NPN epitaxial planar type For low frequency output amplification
logo
Renesas Technology Corp
2SC5432 RENESAS-2SC5432 Datasheet
314Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
February 2002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com