Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1942 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1942
Description  Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1942 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1942 Datasheet HTML 8Page - Linear Technology LT1942 Datasheet HTML 9Page - Linear Technology LT1942 Datasheet HTML 10Page - Linear Technology LT1942 Datasheet HTML 11Page - Linear Technology LT1942 Datasheet HTML 12Page - Linear Technology LT1942 Datasheet HTML 13Page - Linear Technology LT1942 Datasheet HTML 14Page - Linear Technology LT1942 Datasheet HTML 15Page - Linear Technology LT1942 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1942
13
1942fb
Layout Hints
Proper layout techniques must be followed to achieve
advertised performance of the part. Keep all SW and FB
traces short and small. There are several power ground
pins on the LT1942 and it is important to implement the
grounding properly. PGND14 is the power ground pin for
the AVDD and LED switchers. The output capacitor for both
the AVDD and LED switcher must be returned back to this
pin before being allowed to mix into the ground plane.
Similarly, PGND23 is the power ground pin for the VON and
VOFF switcher. Again, both output capacitors for the VON
and VOFF switchers need to return to the PGND23 pin
before mixing with the ground plane. Place the input
decoupling capacitor, which ties from the VCC pin to GND,
as close to the part as possible. Please refer to Figure 3 for
a recommended layout of the power path components.
The component names are those shown in the circuit of
Figure 4.
APPLICATIO S I FOR ATIO
VIN
VIN
LED1 STRING
LED2 STRING
LED OUTPUT
1942 F03
C2
L5
C6
C5
C1
D1
L1
C4
L2
L4
L3
C3
VON OUTPUT
GND
PLANE
LT1942
1
VOFF OUTPUT
AVDD OUTPUT
Figure 3: Power Path Component Recommended Layout
(Refer to Figure 4 Component Names)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com