Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1990 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1990
Description  Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1990 Datasheet HTML 2Page - Linear Technology LT1990 Datasheet HTML 3Page - Linear Technology LT1990 Datasheet HTML 4Page - Linear Technology LT1990 Datasheet HTML 5Page - Linear Technology LT1990 Datasheet HTML 6Page - Linear Technology LT1990 Datasheet HTML 7Page - Linear Technology LT1990 Datasheet HTML 8Page - Linear Technology LT1990 Datasheet HTML 9Page - Linear Technology LT1990 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1990
6
1990fb
±15V ELECTRICAL CHARACTERISTICS
VS = ±15V, RL = 10k, VCM = VREF = 0V, G = 1, 10, TA = 25°C, unless otherwise noted. (Note 6)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
G
Gain
Pins 5 and 8 = Open
1
Pins 5 and 8 = VREF
10
∆G
Gain Error
VOUT = ±10V
LT1990, G = 1
0.4
0.6
%
LT1990A, G = 1
0.07
0.28
%
G = 10
0.2
0.8
%
GNL
Gain Nonlinearity
VOUT = ±10V
G = 1
0.0008
0.002
%
G = 10
0.005
0.02
%
VCM
Input Voltage Range
Guaranteed by CMRR
–250
250
V
CMRR
Common Mode Rejection Ratio, RTI
VCM = –250V to 250V
LT1990
60
68
dB
LT1990A
70
75
dB
VOS
Offset Voltage, RTI
G = 1, 10
0.9
5.2
mV
en
Input Noise Voltage, RTI
fO = 0.1Hz to 10Hz
22
µVP-P
Noise Voltage Density, RTI
fO = 1kHz
1
µV/√Hz
RIN
Input Resistance
Differential
2
M
Ω
Common Mode
0.5
M
Ω
PSRR
Power Supply Rejection Ratio, RTI
VS = ±1.35V to ±18V
82
100
dB
Minimum Supply Voltage
Guaranteed by PSRR
±1.2
±1.35
V
IS
Supply Current
140
180
µA
VOUT
Output Voltage Swing
±14.5 ±14.79
V
LT1990H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage, RTI
VS = 3V, 0V
G = 1, 10
●
5.2
mV
VS = 5V, 0V
G = 1, 10
●
5.2
mV
VOS/T
Input Offset Voltage Drift, RTI
(Note 10)
●
522
µV/°C
VOSH
Input Offset Voltage Hysteresis, RTI
(Note 11)
●
250
µV
PSRR
Power Supply Rejection Ratio, RTI
VS = 2.7V to 12.7V
VCM = VREF = 1.25V
●
75
dB
Minimum Supply Voltage
Guaranteed by PSRR
●
2.7
V
IS
Supply Current
(Note 8)
●
200
µA
VOL
Output Voltage Swing LOW
–IN = V+, +IN = Half Supply (Note 8)
●
80
mV
VOH
Output Voltage Swing HIGH
–IN = 0V, +IN = Half Supply
VS = 3V, 0V, Below V
+
●
230
mV
VS = 5V, 0V, Below V+
●
275
mV
ISC
Output Short-Circuit Current
Short to GND (Note 9)
●
1mA
Short to V+ (Note 9)
●
5mA
The
● denotes the specifications which apply over the temperature range of –40
°C ≤ TA ≤ 125°C. VS = 3V, 0V; VS = 5V, 0V; RL = 10k,
VCM = VREF = half supply, G = 1, 10, unless otherwise noted. (Notes 4, 6)
3V/5V ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com