Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1504 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1504
Description  500mA Low Voltage Step-Down Synchronous Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1504 Datasheet(HTML) 4 Page - Linear Technology

  LTC1504 Datasheet HTML 1Page - Linear Technology LTC1504 Datasheet HTML 2Page - Linear Technology LTC1504 Datasheet HTML 3Page - Linear Technology LTC1504 Datasheet HTML 4Page - Linear Technology LTC1504 Datasheet HTML 5Page - Linear Technology LTC1504 Datasheet HTML 6Page - Linear Technology LTC1504 Datasheet HTML 7Page - Linear Technology LTC1504 Datasheet HTML 8Page - Linear Technology LTC1504 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1504
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown Threshold vs
Supply Voltage
SUPPLY VOLTAGE (V)
35
7
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
1504 • TPC07
PIN FUNCTIONS
as large a copper area as possible to improve thermal
dissipation. See the Thermal Considerations section for
more information.
FB (LTC1504CS8) (Pin 5): Feedback. Connect FB to a
resistor divider from VOUT to GND to set the regulated
output voltage. The LTC1504CS8 feedback loop will servo
the FB pin to 1.265V.
SENSE (LTC1504CS8-3.3) (Pin 5): Output Voltage Sense.
Connect directly to the output voltage node. The
LTC1504CS8-3.3 feedback loop will servo SENSE to 3.3V.
SENSE is connected to an internal resistor divider which
will load any external dividers. For output voltages other
than 3.3V, use the LTC1504CS8.
SHDN (Pin 6): Shutdown, Active Low. When SHDN is at a
logic High, the LTC1504 will operate normally. When
SHDN is Low, the LTC1504 ceases all internal operation
and supply current drops below 1
µA. In shutdown, the SW
pin is pulled low. This ensures that the output is actively
shut off when SHDN is asserted, but it prevents other
supplies from providing power to the output when the
LTC1504 is inactive. See the Applications Information
section for more details.
SS (Pin 7): Soft Start. Connect an external capacitor
(usually 0.1
µF)fromSStoGNDtolimittheoutputrisetime
IMAX (Pin 1): Current Limit Set. Connect a resistor from
VCC to IMAX to set the current limit threshold. An internal
12
µA current source from IMAX to GND sets the voltage
drop across this resistor. This voltage is compared to the
voltage drop across the internal high-side switch (Q1)
while it is turned on. See the Applications Information
section for more information. To disable current limit,
leave IMAX floating.
VCC (Pin 2): Power Supply Input. Connect to a power
supply voltage between 4V and 10V. VCC requires a low
impedance bypass capacitor to ground, located as close
as possible to the LTC1504. See the Applications Informa-
tion section for details on capacitor selection and
placement.
SW (Pin 3): Power Switch Output. This is the switched
node of the buck circuit. Connect SW to one end of the
external inductor. The other end of the inductor should be
connected to COUT and becomes the regulated output
voltage. Avoid shorting SW to GND or VCC.
GND (Pin 4): Ground. Connect to a low impedance ground.
The input and output bypass capacitors and the feedback
resistor divider (adjustable parts only) should be grounded
as close to this pin as possible. Pin 4 acts as a heat sink
in the LTC1504 S0-8 package and should be connected to
Current Limit Threshold vs
Temperature
TEMPERATURE (
°C)
–50 –25
0
25
50
75
1504 • TPC05
125
500
450
400
350
300
250
200
150
100
50
0
100
VCC = 5V
RIMAX = 47k
RIMAX = 22k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com