Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1734L Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1734L
Description  Lithium-Ion Linear Battery Charger in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1734L Datasheet(HTML) 1 Page - Linear Technology

  LTC1734L Datasheet HTML 1Page - Linear Technology LTC1734L Datasheet HTML 2Page - Linear Technology LTC1734L Datasheet HTML 3Page - Linear Technology LTC1734L Datasheet HTML 4Page - Linear Technology LTC1734L Datasheet HTML 5Page - Linear Technology LTC1734L Datasheet HTML 6Page - Linear Technology LTC1734L Datasheet HTML 7Page - Linear Technology LTC1734L Datasheet HTML 8Page - Linear Technology LTC1734L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1734L
1734lf
Lithium-Ion Linear
Battery Charger in ThinSOT
The LTC
®1734L is a low cost, single cell, constant-current/
constant-voltage Li-Ion battery charger controller. When
combined with a few external components, the SOT-23
package forms a very small, low cost charger for single cell
lithium-ion batteries. The LTC1734L is a lower charge
current version of the LTC1734.
The LTC1734L provides a fixed float voltage of 4.2V with
1% accuracy (for 4.1V and 4.15V float voltages, contact
LTC Marketing). Constant current is programmed using a
single external resistor between the PROG pin and ground.
Manual shutdown is accomplished by floating the pro-
gram resistor while removing input power automatically
puts the LTC1734L into a sleep mode. Both the shutdown
and sleep modes drain near zero current from the battery.
Charge current can be monitored via the voltage on the
PROG pin allowing a microcontroller or ADC to read the
current and determine when to terminate the charge cycle.
The output driver is both current limited and thermally
protected to prevent the LTC1734L from operating outside
of safe limits. No external blocking diode is required.
The LTC1734L can also function as a general purpose
current source or as a current source for charging nickel-
cadmium (NiCd) and nickel-metal-hydride (NiMH) batter-
ies using external termination.
s
Low Profile (1mm) ThinSOT
TM Package
s
Programmable Charge Current: 50mA to 180mA
s
No Blocking Diode Required
s
No Sense Resistor Required
s
1% Accurate Preset Voltage: 4.2V
s
Charge Current Monitor Output
for Charge Termination
s
Automatic Sleep Mode with Input Supply Removal
s
Manual Shutdown
s
Negligible Battery Drain Current in Shutdown
s
Undervoltage Lockout
s
Self Protection for Overcurrent/Overtemperature
s
Cellular Telephones
s
Handheld Computers
s
Digital Cameras
s
Charging Docks and Cradles
s
Low Cost and Small Size Chargers
s
Programmable Current Sources
, LTC and LT are registered trademarks of Linear Technology Corporation.
80mA Li-Ion Battery Charger
PROG Pin Indicates Charge Status
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
VIN
5V
IBAT = 80mA
1734 TA01
SINGLE
Li-Ion
BATTERY
10
µF
+
GND
PROG
DRIVE
BAT
2
4
6
5
LTC1734L
VCC
ISENSE
31
1
µF
RPROG
4.7k
UMT4403
CHARGING
BEGINS
CHARGING
COMPLETE
1734 TA01b
5V
4V
3V
2V
1V
0V
1.5V
VBAT
CONSTANT
CURRENT
CONSTANT
VOLTAGE
VPROG
ThinSOT is a trademark of Linear Technology Corporation.


Similar Part No. - LTC1734L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1734L LINER-LTC1734L Datasheet
184Kb / 12P
Lithium-Ion Linear Battery Charger in ThinSOT
logo
Linear Integrated Syste...
LTC1734L LINEAR-LTC1734L Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC1734L LINER-LTC1734L Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC1734L LINER-LTC1734L Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC1734L LINER-LTC1734L Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results

Similar Description - LTC1734L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1734L LINER-LTC1734L Datasheet
184Kb / 12P
Lithium-Ion Linear Battery Charger in ThinSOT
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC4054L-4.2 LINER-LTC4054L-4.2 Datasheet
191Kb / 16P
150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
Lithium-Ion Linear Battery Charger
logo
Linear Technology
LTC1734 LINER-LTC1734 Datasheet
188Kb / 12P
Lithium-Ion Linear Battery Charger in ThinSOT
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1734 LINER-LTC1734_15 Datasheet
193Kb / 12P
Lithium-Ion Linear Battery Charger in ThinSOT
LTC4054L-4.2 LINER-LTC4054L-4.2_15 Datasheet
220Kb / 16P
150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com