Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1740 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1740
Description  14-Bit, 6Msps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1740 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1740 Datasheet HTML 2Page - Linear Technology LTC1740 Datasheet HTML 3Page - Linear Technology LTC1740 Datasheet HTML 4Page - Linear Technology LTC1740 Datasheet HTML 5Page - Linear Technology LTC1740 Datasheet HTML 6Page - Linear Technology LTC1740 Datasheet HTML 7Page - Linear Technology LTC1740 Datasheet HTML 8Page - Linear Technology LTC1740 Datasheet HTML 9Page - Linear Technology LTC1740 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1740
1740f
TYPICAL PERFOR A CE CHARACTERISTICS
Spurious-Free Dynamic Range
vs Input Amplitude
S/(N + D) and SFDR
vs Sample Frequency
INPUT AMPLITUDE (dBFS)
–50
0
50
60
70
80
90
100
dBFS
dBc
–40
–30
–20
–10
1740 G07
0
DUAL SUPPLIES
5V INPUT RANGE
DIFFERENTIAL INPUT
6Msps
Spurious-Free Dynamic Range
vs Input Amplitude
INPUT AMPLITUDE (dBFS)
–50
0
50
60
70
80
90
100
dBFS
dBc
–40
–30
–20
–10
1740 G08
0
SINGLE SUPPLY
5V INPUT RANGE
DIFFERENTIAL INPUT
6Msps
SAMPLE FREQUENCY (MHz)
1
75
80
85
5678
0
1740 G09
70
65
50
2
3
4
55
60
95
90
DUAL SUPPLIES
5V INPUT RANGE
DIFFERENTIAL INPUT
6Msps
SFDR
S/(N + D)
S/(N + D) and SFDR
vs Sample Frequency
Nonaveraged 4096 Point FFT
SAMPLE FREQUENCY (MHz)
1
75
80
85
5678
0
1740 G10
70
65
50
2
3
4
55
60
95
90
SINGLE SUPPLY
5V INPUT RANGE
DIFFERENTIAL INPUT
6Msps
SFDR
S/(N + D)
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
–140
1.5
2.5
1740 G11
0.5
1
23
DUAL SUPPLIES
6Msps
fIN = 2.5MHz, 5VP-P
DIFFERENTIAL INPUT
Nonaveraged 4096 Point FFT
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
–140
1.5
2.5
1740 G12
0.5
1
23
SINGLE SUPPLY
6Msps
fIN = 2.5MHz, 5VP-P
DIFFERENTIAL INPUT
IDD vs Clock Frequency
ISS vs Clock Frequency
CLOCK FREQUENCY (MHz)
0
49
47
45
43
41
39
37
35
35
1740 G13
12
46
VREF = 4.5V
VREF = 2.25V
CLOCK FREQUENCY (MHz)
0
0
0.5
1.0
1.5
2.0
2.5
1
234
1740 G14
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com