Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3209 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3209
Description  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 4Page - STMicroelectronics AN3209 Datasheet HTML 5Page - STMicroelectronics AN3209 Datasheet HTML 6Page - STMicroelectronics AN3209 Datasheet HTML 7Page - STMicroelectronics AN3209 Datasheet HTML 8Page - STMicroelectronics AN3209 Datasheet HTML 9Page - STMicroelectronics AN3209 Datasheet HTML 10Page - STMicroelectronics AN3209 Datasheet HTML 11Page - STMicroelectronics AN3209 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Component overview
AN3209
8/42
Doc ID 17419 Rev 2
2
Component overview
This section describes the main characteristics of the three STMicroelectronics components
(M24LR64-R, STTS75, and STM8L101K3). It explains how to configure them for the
temperature acquisition application, and it describes the corresponding code function and
examples.
2.1
M24LR64-R Dual interface EEPROM
2.1.1
M24LR64-R main features
The M24LR64-R device is a dual-access electrically erasable programmable memory
(EEPROM). It features an I2C interface and can be operated from a VCC power supply. It is
also a contactless memory powered by the received carrier electromagnetic wave.
The M24LR64-R is organized as 8192x8 bits in the I2C mode and 2048x32 bits in the
ISO 15693 and ISO 18000-3 mode 1 RF mode.
Figure 5.
M24LR64-R pinout
Figure 6.
M24LR64-R functional block diagram
Table 1.
M24LR64-R signal names
Signal name
Function
Direction
E0, E1
Chip Enable
Input
SDA
Serial Date
I/O
SCL
Serial Clock
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com