Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3236 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3236
Description  Guidelines to increase the number of touch sensing touchkeys
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3236 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3236 Datasheet HTML 7Page - STMicroelectronics AN3236 Datasheet HTML 8Page - STMicroelectronics AN3236 Datasheet HTML 9Page - STMicroelectronics AN3236 Datasheet HTML 10Page - STMicroelectronics AN3236 Datasheet HTML 11Page - STMicroelectronics AN3236 Datasheet HTML 12Page - STMicroelectronics AN3236 Datasheet HTML 13Page - STMicroelectronics AN3236 Datasheet HTML 14Page - STMicroelectronics AN3236 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID17613 Rev 3
13/15
AN3236
Working around the limitations
14
5
Working around the limitations
The limitations can be reduced through careful management of the touchkeys and touchkey
matrices.
5.1
Touchkeys set definition
For extra touchkeys and touchkey matrices, it is important to define sets of touchkeys in
which the touchkeys cannot be touched at the same time. This allows multi-touching
capability across sets.
Sets can be catagorized as follows:
•
a touchkey matrix and a few independent touchkeys which allow simultaneous touches
on any of the independent touchkeys plus one touch on the touchkey matrix.
•
two touchkey matrices which allow simultaneous touches on each touchkey matrix.
5.2
Detection exclusion system (DxS) usage
For a touchkey matrix (without single electrode touchkeys), DxS allows only the first
detected touch inside a group to be reported. By defining a DxS group with channel rows
and another group with channel columns, only one touchkey can be activated at a time. For
application managing only single touch, this simplifies the processing at application level.
6
Conclusion
The described guidelines allow the touchkey capabilities of STMicroelectronics
microcontrollers to be improved without modifying the touch sensing firmware library. In
application software, the processing must provide a simple decoding step to determine
which touchkey is touched when a pair of channels is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com