Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3248 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3248
Description  Using STM32L1 analog comparators in application cases
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3248 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3248 Datasheet HTML 4Page - STMicroelectronics AN3248 Datasheet HTML 5Page - STMicroelectronics AN3248 Datasheet HTML 6Page - STMicroelectronics AN3248 Datasheet HTML 7Page - STMicroelectronics AN3248 Datasheet HTML 8Page - STMicroelectronics AN3248 Datasheet HTML 9Page - STMicroelectronics AN3248 Datasheet HTML 10Page - STMicroelectronics AN3248 Datasheet HTML 11Page - STMicroelectronics AN3248 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Analog watchdog during Stop mode
AN3248
8/17
Doc ID 17758 Rev 3
In an analog watchdog application, COMP1 is configured through external interrupt line 21
(EXTI line 21) to exit the MCU from Stop mode when the analog input voltage exceeds
VREFINT. COMP2 is set, through EXTI line 22, to exit the MCU from Stop mode when the
analog voltage goes below the lower threshold. Throughout the time the analog voltage is
within the defined thresholds, the MCU is in Stop mode and power consumption is reduced.
When the analog voltage exceeds the defined thresholds, average power consumption can
be reduced by switching to Run mode.
Figure 6 gives an overview of an analog watchdog application with threshold1 higher than
threshold2.
Figure 6.
Analog watchdog during Stop mode
1.
While the MCU is in Stop mode, the input voltage exceeds threshold1 and the MCU exits Stop mode.
2.
While the MCU is in Run mode, the input voltage goes below threshold1 and the MCU enters Stop mode.
3.
While the MCU is in Stop mode, the input voltage goes below threshold2 and the MCU exits Stop mode.
Note:
1
In Stop mode, only COMP1, COMP2 and VREFINT continue to consume power. Please refer
to the specific device datasheet for power consumption values.
2
No hysteresis is implemented on either comparator inputs.
MCU state
Time
MCU exits
Stop mode
Sensor output
voltage
0 V
Time
Threshold1:
VREFINT
MCU exits
Stop mode
MCU enters
Stop mode
ai17495
Threshold2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com