Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3259 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3259
Description  RS232 communications with a terminal using the STM8S-DISCOVERY
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3259 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3259 Datasheet HTML 1Page - STMicroelectronics AN3259 Datasheet HTML 2Page - STMicroelectronics AN3259 Datasheet HTML 3Page - STMicroelectronics AN3259 Datasheet HTML 4Page - STMicroelectronics AN3259 Datasheet HTML 5Page - STMicroelectronics AN3259 Datasheet HTML 6Page - STMicroelectronics AN3259 Datasheet HTML 7Page - STMicroelectronics AN3259 Datasheet HTML 8Page - STMicroelectronics AN3259 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AN3259
Prerequisites
Doc ID 17835 Rev 1
5/25
1
Prerequisites
The material required to run the STM8S-DISCOVERY terminal demonstration application is
the following:
●
A terminal window running on a PC: the terminal emulator software can be Windows
Hyperterminal (see Appendix B), TeraTerm Pro, or any terminal software.
●
An RS232 null-modem cable (transmit and receive line crosslinked).
2
Configuring the STM8S-DISCOVERY
Prior to running the application, the STM8S-DISCOVERY must be configured to enable the
beeper output. The beeper output is an STM8S105C6T6 alternate function. It is enabled by
setting the alternate function remap option bit AFR7 in OPT2 option byte to ‘1’.
For details on alternate function remapping and on option bytes, refer to user manual
“Developing and debugging your STM8S-DISCOVERY application code” (UM0834), and to
the STM8S105xx datasheet, respectively.
3
Application description
3.1
Hardware required
This application uses STM8S-DISCOVERY on-board LED (LD1) together with its associated
resistor (R1).
The external passive components required by the application are listed inTable 1.
The application also makes use of a 5 V powered ST232B RS232 driver/receiver (see
Table 2). This extra component is essential since the COM port of the PC operates from a
nominal 12 V power supply. This is not compatible with the STM8S UART input/outputs
operating at 5 V. This component is available in an SO16 package which fits the STM8S-
DISCOVERY footprint. For more information on the ST232B refer to the ST232B datasheet.
Table 1.
List of passive components
Component description
Value
B1 buzzer
-
C1,C2,C3,C4,C5 capacitors
100 nF
DB9 connector
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com