Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3261 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3261
Description  The Smart Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3261 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3261 Datasheet HTML 5Page - STMicroelectronics AN3261 Datasheet HTML 6Page - STMicroelectronics AN3261 Datasheet HTML 7Page - STMicroelectronics AN3261 Datasheet HTML 8Page - STMicroelectronics AN3261 Datasheet HTML 9Page - STMicroelectronics AN3261 Datasheet HTML 10Page - STMicroelectronics AN3261 Datasheet HTML 11Page - STMicroelectronics AN3261 Datasheet HTML 12Page - STMicroelectronics AN3261 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AN3261
Typical application diagrams
Doc ID 17837 Rev 1
9/17
Figure 6.
Timing diagram - three push-button Smart Reset™
2.4
Input pull-up considerations (CMOS/fixed levels)
Inputs without internal pull-up resistors can be pulled to a different voltage level than the
supply voltage of the STM65xx devices, however:
●
the input pull-up voltage level should not exceed 5.5 V
●
the input logic levels specifications must be respected:
–VIHmin = 0.7VCC, VILmax = 0.3VCC in case of standard CMOS input cells (it is
recommended to always keep VIL on the ground level and VIH on the VCC level)
–VIHmin = 0.85 V, VILmax = 0.3 V in case of the fixed-logic levels devices
(STM6520, STM6522).
2.5
Output pull-up considerations
Open-drain RST outputs without internal pull-up resistors can also be pulled up to any
voltage independent of VCC (higher or lower than VCC) (but absolute maximum ratings must
be respected). The STM65xx devices can thus serve also as a simple level shifter.
Push-
button 1
tSRC
tREC
Push-
button 2
Push-
button 3
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com