Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB60170G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VB60170G
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB60170G Datasheet(HTML) 2 Page - Vishay Siliconix

  VB60170G Datasheet HTML 1Page - Vishay Siliconix VB60170G Datasheet HTML 2Page - Vishay Siliconix VB60170G Datasheet HTML 3Page - Vishay Siliconix VB60170G Datasheet HTML 4Page - Vishay Siliconix VB60170G Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VB60170G
www.vishay.com
Vishay General Semiconductor
Revision: 11-Jul-12
2
Document Number: 89950
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 20 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 5 A
TA = 25 °C
VF (1)
0.65
-
V
IF = 15 A
0.78
-
IF = 30 A
0.87
1.02
IF = 5 A
TA = 125 °C
0.50
-
IF = 15 A
0.62
-
IF = 30 A
0.72
0.80
Reverse current per diode
VR = 136 V
TA = 25 °C
IR (2)
1.5
-
μA
TA = 125 °C
2.5
-
mA
VR = 170 V
TA = 25 °C
-
450
μA
TA = 125 °C
5
50
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VB60170G
UNIT
Typical thermal resistance
per diode
RJC
1.0
°C/W
per device
0.7
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-263AB
VB60170G-E3/4W
1.38
4W
50/tube
Tube
TO-263AB
VB60170G-E3/8W
1.38
8W
800/reel
Tape and reel
0
5
10
15
20
25
30
35
40
0
25
50
75
100
125
150
175
Case Temperature (
°C)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
5
10
15
20
25
30
35
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com