Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3262 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3262
Description  Using the over-the-air bootloader with STM32W108 devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3262 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3262 Datasheet HTML 19Page - STMicroelectronics AN3262 Datasheet HTML 20Page - STMicroelectronics AN3262 Datasheet HTML 21Page - STMicroelectronics AN3262 Datasheet HTML 22Page - STMicroelectronics AN3262 Datasheet HTML 23Page - STMicroelectronics AN3262 Datasheet HTML 24Page - STMicroelectronics AN3262 Datasheet HTML 25Page - STMicroelectronics AN3262 Datasheet HTML 26Page - STMicroelectronics AN3262 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
AN3262
Bootloader command set
Doc ID 17845 Rev 2
25/27
Figure 27.
ERASE MEMORY packet example
3.8
WRITE INCREMENTAL MEMORY command
The WRITE INCREMENTAL MEMORY command has the same purpose of the WRITE MEMORY
command but can be used to save some bandwidth by avoiding having to transmit the write
address each time we wish to write a block. It only works when writing to consecutive
memory blocks. The device has a write pointer as an initial memory address for incremental
write operations. When the command is received, the device writes the command data in
memory and then increments the pointer by an amount of bytes equal to the write data
length. The write pointer update is also affected by the ordinary write command after which
the new address offset is the sum of the write address (provided as command parameter)
and the write data block length. The write pointer is initially set to the base of the application
address (0x08003000).
Figure 28.
WRITE INCREMENTAL MEMORY packet example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com