Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3317 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3317
Description  PCB guidelines for SPEAr1340
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3317 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3317 Datasheet HTML 4Page - STMicroelectronics AN3317 Datasheet HTML 5Page - STMicroelectronics AN3317 Datasheet HTML 6Page - STMicroelectronics AN3317 Datasheet HTML 7Page - STMicroelectronics AN3317 Datasheet HTML 8Page - STMicroelectronics AN3317 Datasheet HTML 9Page - STMicroelectronics AN3317 Datasheet HTML 10Page - STMicroelectronics AN3317 Datasheet HTML 11Page - STMicroelectronics AN3317 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Ground and power supply connections
AN3317
8/22
Doc ID 18249 Rev 2
4
Ground and power supply connections
For proper device operation, it is critical to provide a very low impedance, wide bandwidth
connection to ground and to the voltage supplies. To achieve this, minimize inductance
between the device power and ground balls, and the PCB ground plane and decoupling
network. This guideline also applies to other critical components:
●
termination resistors
●
decoupling capacitors
●
ICs
●
multiple ground or power pins from the same IC
Directly connect each ground ball to the PCB ground plane with its own via. Do not share
vias among multiple ground balls.
Exception: the center 10 x 10 ground ball grid should have a fully populated ground via
grid between the balls, and the surface layers may be filled.
Directly connect each power ball to the PCB decoupling network with its own via. Do not
share vias among multiple power balls.
Exception: when multiple power balls are adjacent to each other and are connected to
the same voltage plane, but use the maximum number of vias that space allows.
To avoid cross-contamination of ground or power supplies between different devices (for
example, an IC and a termination resistor), do not share ground connections among multiple
ground or power balls. Give each ball and pin its own via to the ground or power plane. Do
not simply connect power and ground connections to surface layer copper fill areas, which
are not good low impedance paths at high frequencies.
Ball-to-via trace: Connect each ground and power ball to its via with a short, wide trace. Do
not simply connect ground or power balls to surface fill areas; a close, direct via to the
ground or power plane is necessary.
Caution:
It is critical to minimize trace length and maximize trace width.
●
In the ball field, make trace length less than 1 mm.
●
Outside the ball field, make trace length less than 0.25 mm.
●
Make trace width wide.
Note:
When it is not possible to achieve a close direct trace, a relatively high impedance will result.
Make every effort to minimize trace length, and consider high impedance power connections
only for power connections that require lower bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com