Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3321 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN3321
Description  How to enable remote reset from JTAG on
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3321 Datasheet(HTML) 2 Page - STMicroelectronics

  AN3321 Datasheet HTML 1Page - STMicroelectronics AN3321 Datasheet HTML 2Page - STMicroelectronics AN3321 Datasheet HTML 3Page - STMicroelectronics AN3321 Datasheet HTML 4Page - STMicroelectronics AN3321 Datasheet HTML 5Page - STMicroelectronics AN3321 Datasheet HTML 6Page - STMicroelectronics AN3321 Datasheet HTML 7Page - STMicroelectronics AN3321 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
How to enable the remote system reset from JTAG
AN3321
2/8
Doc ID 18275 Rev 1
1
How to enable the remote system reset from JTAG
The EVALSPEAr310 board (EVB) has a standard "Multi-ICE JTAG Interface" connector,
named J26. Through J26, it is possible to connect a JTAG adapter (refer to Appendix F of
the reference document [1.]). The connector supports separate reset signals for JTAG-TAP
(nTRST pin) and for the board system (nSRST pin).
On the EVB rev 2.0, the actual circuit for system reset is not able to receive a remote reset
from the JTAG connector. This can affect the debugging activity, forcing the developer to
reset manually by pressing the on-board reset button.
Note:
1
All the modifications listed below are mandatory.
2
A basic skill on soldering tools is required.
Here below you can find the list of all the modifications required on the EVB to enable
remote system reset through JTAG.
Before starting, you need the following components:
one device P/N STM6315SDW13F
one resistor in package 0603, value 0 ohm. It can be replaced with a short wire
connection.
Connecting the nSRST pin of the JTAG connector
The EVB default assembly configuration has one resistor (R329) missing, isolating nSRST
pin. To connect nSRST pin:
Mount the R329 resistor, 0 ohm. It is located close to the JTAG connector on the
bottom layer.
Joining all reset signals in a single wire
On the revision 2.0 of the board, the reset is distributed through the unidirectional device
U12. By design, U12 blocks nSRST signals to go from JTAG to system reset, and prevents
JTAG to reset all on-board components. To connect the nSRST signal to the system reset,
modify the top layer of the board as follows (see Figure 1: EVB top layer):
1.
Remove U12, located near the JTAG connector.
2.
Solder together pins 7, 8 and 9 of U12.
3.
Solder together pins 11, 12, 13, 14, 15, 16, 17 and 18 of U12.
Figure 3 shows the area of U12 after these modifications.
This is an ESD sensitive device, improper handling can cause permanent damage to
the on-board components.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com