Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3364 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3364
Description  Migration and compatibility guidelines for STM32 microcontroller applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3364 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3364 Datasheet HTML 5Page - STMicroelectronics AN3364 Datasheet HTML 6Page - STMicroelectronics AN3364 Datasheet HTML 7Page - STMicroelectronics AN3364 Datasheet HTML 8Page - STMicroelectronics AN3364 Datasheet HTML 9Page - STMicroelectronics AN3364 Datasheet HTML 10Page - STMicroelectronics AN3364 Datasheet HTML 11Page - STMicroelectronics AN3364 Datasheet HTML 12Page - STMicroelectronics AN3364 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AN3364
How to migrate across STM32 series
Doc ID 018608 Rev 3
9/17
1.1.2
STM32 product cross-compatibility
The STM32 series embeds a set of peripherals which can be classed in three categories:
●
The first category is for the peripherals which are by definition common to all products.
Those peripherals are identical, so they have the same structure, registers and control
bits. There is no need to perform any firmware change to keep the same functionality at
the application level after migration. All the features and behavior remain the same.
●
The second category is for the peripherals which are shared by all products but have
only minor differences (in general to support new features), so migration from one
product to another is very easy and does not need any significant new development
effort.
●
The third category is for peripherals which have been considerably changed from one
product to another (new architecture, new features...). For this category of peripherals,
migration will require new development at application level.
Table 2 through toTable 5 gives a general overview of this classification:
Table 2.
STM32 peripheral compatibility analysis F1 versus F0 series
Peripheral
Series
Compatibility
F1
F0
Comments
Pinout
SW compatibility
SPI
Yes
Yes+
Two FIFO available, 4 bit to 16
bit data size selection
Identical
Partial compatibility
WWDG
Yes
Yes
Same features
NA
Full compatibility
IWDG /
IWWDG
Yes
Yes++
Added a Window mode
NA
Partial compatibility
DBGMCU
Yes
Yes
No JTAG, No Trace
Identical for the
SWD
Partial compatibility
CRC
Yes
Yes+
Added reverse capability and
initial CRC value
NA
Partial compatibility
EXTI
Yes
Yes+
Some peripherals are able to
generate event in stop mode
Identical
Full compatibility
CEC
Yes
Yes++
Kernel clock, arbitration lost
flag and automatic transmission
retry, multi-address config,
wake up from stop mode
Identical
Partial compatibility
DMA
Yes
Yes
1 DMA controller with 5
channels
NA
Full compatibility
TIM
Yes
Yes+
Enhancement
Identical
Full compatibility
PWR
Yes
Yes+
No Vref, Vdda can be greater
than Vdd, 1.8 mode for core.
Identical for the
same feature
Partial compatibility
RCC
Yes
Yes+
New HSI14 dedicated to ADC
PD0 & PD1 =>
PF0 & PF1 for the
osc
Partial compatibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com