Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3404 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3404
Description  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3404 Datasheet HTML 9Page - STMicroelectronics AN3404 Datasheet HTML 10Page - STMicroelectronics AN3404 Datasheet HTML 11Page - STMicroelectronics AN3404 Datasheet HTML 12Page - STMicroelectronics AN3404 Datasheet HTML 13Page - STMicroelectronics AN3404 Datasheet HTML 14Page - STMicroelectronics AN3404 Datasheet HTML 15Page - STMicroelectronics AN3404 Datasheet HTML 16Page - STMicroelectronics AN3404 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AN3404
Low power modes
Doc ID 018847 Rev 3
13/30
4.6.2
Exiting Wait for interrupt mode
When an internal or external interrupt request occurs, the CPU wakes up from Wait mode,
serves the interrupt routine and resumes processing.
The following list gives examples of peripherals or features with interrupts having exit-from-
wait capability:
●
ProxSense
●
I2C
●
USART
●
SPI
●
AWU
●
External interrupt
●
Timers
Refer to the STM8TL5xxx reference manual (RM0312) for more details.
4.6.3
Exiting Wait for event mode
When an internal or external event request occurs, the CPU wakes up from Wait mode and
resumes processing.
The following list gives examples of peripherals or features with events having exit-from-wait
capability:
●
ProxSense
●
I2C
●
USART
●
SPI
●
External interrupt
●
Timers
If an interrupt occurs during Wait for event mode, the related interrupt service routine is
executed. After this routine, the MCU goes back to Wait for event mode.
Refer to the STM8TL5xxx reference manual (RM0312) for more details.
4.7
Halt mode
In this mode the system clock is stopped. This means that the CPU and all the peripherals
requiring clocks are disabled, except for the following cases:
●
The HSI clock is not stopped if used by the SWIM
●
The system clock source is not stopped if a Flash/Data EEPROM write operation is in
progress.
●
The LSI clock is not stopped if used by the SWIM, by the IWDG or if the “IWDG_HALT”
option bit is disabled.
In Halt mode, none of the peripherals is clocked and the digital part of the MCU consumes
almost no power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com