Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3413 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3413
Description  STM32L1x current consumption measurement and touch sensing demonstration firmware
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3413 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3413 Datasheet HTML 1Page - STMicroelectronics AN3413 Datasheet HTML 2Page - STMicroelectronics AN3413 Datasheet HTML 3Page - STMicroelectronics AN3413 Datasheet HTML 4Page - STMicroelectronics AN3413 Datasheet HTML 5Page - STMicroelectronics AN3413 Datasheet HTML 6Page - STMicroelectronics AN3413 Datasheet HTML 7Page - STMicroelectronics AN3413 Datasheet HTML 8Page - STMicroelectronics AN3413 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID018933 Rev 2
5/18
AN3413
Application description
17
The firmware associated with this application note also provides a demonstration of the
touch sensing functionality available on STM32L1xx DISCOVERY. The touch sensing
electrodes can be configured either as a linear touch sensor to perform linear sensing of
finger position displayed as a percentage on the LCD, or, it can be configured as a group of
four independent touchkeys.
It also includes a manufacturing test mode for performing a quick diagnosis of the
STM32L1xx DISCOVERY related to this application example. See Section 1.5.3:
Manufacturing test for details regarding the test activation and for an explanation of the
different test modes.
1.4.2
IDD measurement principle
The STM32L1xx DISCOVERY IDD measurement circuitry consists of measuring the high
side shunt voltage value V at the terminals of a high precision serial resistor (1%) inserted
between the +3V3 power supply and the VDD pin of the MCU. Depending on the device
power modes, the application uses R or [2000 + 2] x R as the equivalent resistor value by
closing or opening K1. In Run mode, the current is in the range of mA, K1 is closed, and the
equivalent resistor is R. In low power modes, the current is in the µA range, K1 is opened,
and the equivalent resistance is 2002 x R.
Figure 2. IDD measurement equivalent circuitry
This resistor is connected between the differential inputs of a high-side current sense
operational amplifier (A) with a fixed gain that amplifies the voltage (V) present on the
resistors. A sample and hold stage is placed at the operational amplifier output and is then
MS19811V1
A
2R
2k
+3V3
VDD
STM32L15x
GND
+3 V3
Q14 Q13
EN
Counter
PC13
PA0
LP wake-up
PA4
IDD meas
Gain = 50
C
K1
K2
V
S
IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com