Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0051 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM0051
Description  How to program STM8S and STM8A Flash program memory and data EEPROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0051 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM0051 Datasheet HTML 17Page - STMicroelectronics PM0051 Datasheet HTML 18Page - STMicroelectronics PM0051 Datasheet HTML 19Page - STMicroelectronics PM0051 Datasheet HTML 20Page - STMicroelectronics PM0051 Datasheet HTML 21Page - STMicroelectronics PM0051 Datasheet HTML 22Page - STMicroelectronics PM0051 Datasheet HTML 23Page - STMicroelectronics PM0051 Datasheet HTML 24Page - STMicroelectronics PM0051 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
PM0051
Programming STM8 Flash microcontrollers
Doc ID 14614 Rev 3
21/27
The following sequence is required to perform a word program operation:
1.
Unlock the memory if not already done.
The UBC option byte can be read to check if the word you want to program is not in the
UBC area. If necessary, reprogram it to allow programming the targeted word.
2.
Write 0x40 in FLASH_CR2 (WP bit active), and 0xBF in FLASH_NCR2 (NWP bit
active).
3.
Write the 4 data bytes to the memory starting with the very first address of the word to
be programmed.
The programming cycle starts automatically when the 4 bytes have been written.
4.
Check the WR_PG_DIS bit in FLASH_IAPSR to verify if the word you attempted to
program was not write-protected (optional).
5.
To check if the program operation is complete, poll the EOP bit in FLASH_IAPSR
register for the end of operations. EOP is set to ‘1’ when the word program operation
has completed. To avoid polling the EOP bit, an interrupt can be generated when EOP
is set.
Caution:
FLASH_CR2 and FLASH_NCR2 must be written consecutively to be taken into account. If
only one register is set, both are forced to their reset values, causing the program operation
to be performed at byte level.
Caution:
EOP and WR_PG_DIS bits are cleared by reading the FLASH_IAPSR register. It is
consequently strongly recommended to perform one single read operation to the
FLASH_IAPSR register to check the values of these bits.
Caution:
If a word program operation is interrupted by a reset, the data programmed in the memory
may be corrupted.
4.4
Byte programming
Both main program memory and data EEPROM can be programmed and erased at byte
level.
Byte programming is performed by executing a write instruction (ld, mov...) to an address in
main program memory when the memory is unlocked. The write instruction initiates the
erase/program cycle and any core access to the memory is blocked until the cycle has
completed. This means that program execution from the Flash program memory is stopped
until the end of the erase/program cycle.
When a new byte program operation starts, EOP and WR_PG_DIS bits of FLASH_IAPSR
register are automatically cleared. At the end of the program operation, the EOP bit in the
FLASH_IAPSR register is set and the program execution restarts from the instruction
following the write/erase instruction.
Contrary to byte programming of the Flash program memory, the byte programming of data
EEPROM with RWW feature (when available) does not stop program execution. The EOP
bit can then be used in order to know if the previous operation has completed. To avoid
polling the EOP bit, an interrupt can be generated when EOP is set. This bit is automatically
reset when reading FLASH_IAPSR.
The erase/program cycle lasts longer if the whole word containing the byte to be
programmed is not empty because in this case an erase operation is performed
automatically. If the word is empty, the erase operation is not performed. However, if a
defined programming time is wanted, the FIX bit in the FLASH_CR1 register forces the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com