Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0059 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM0059
Description  This programming manual describes how to program
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0059 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM0059 Datasheet HTML 3Page - STMicroelectronics PM0059 Datasheet HTML 4Page - STMicroelectronics PM0059 Datasheet HTML 5Page - STMicroelectronics PM0059 Datasheet HTML 6Page - STMicroelectronics PM0059 Datasheet HTML 7Page - STMicroelectronics PM0059 Datasheet HTML 8Page - STMicroelectronics PM0059 Datasheet HTML 9Page - STMicroelectronics PM0059 Datasheet HTML 10Page - STMicroelectronics PM0059 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DocID15687 Rev 5
7/29
PM0059
Flash memory interface
28
2.3
Flash memory
The Flash memory has the following main features:
•
Capacity up to 1 Mbyte
•
128 bits wide data read
•
Byte, half-word, word and double word write
•
Sector and mass erase
•
Memory organization
The Flash memory is organized as follows:
–
Main memory block containing 4 sectors of 16 Kbytes, 1 sector of 64 Kbytes, and
7 sectors of 128 Kbytes
–
System memory used to boot the device in System memory boot mode.
This area is reserved for STMicroelectronics and contains the bootloader which is
used to reprogram the Flash memory through one of the following interfaces:
USART1, USART3, CAN2, USB OTG FS in Device mode (DFU: device firmware
upgrade). The bootloader is programmed by ST when the device is manufactured,
and protected against spurious write/erase operations.
–
512 OTP (one-time programmable) bytes for user data
The OTP area contains 16 additional bytes used to lock the corresponding OTP
data block.
–
Option bytes: read and write protections, BOR level, watchdog software/hardware
and reset when the device is in Standby or Stop mode.
•
Low power modes (for details refer to the Power control (PWR) section of the reference
manual)
Table 2. Flash module organization
Block
Name
Block base addresses
Size
Main memory
Sector 0
0x0800 0000 - 0x0800 3FFF
16 Kbyte
Sector 1
0x0800 4000 - 0x0800 7FFF
16 Kbyte
Sector 2
0x0800 8000 - 0x0800 BFFF
16 Kbyte
Sector 3
0x0800 C000 - 0x0800 FFFF
16 Kbyte
Sector 4
0x0801 0000 - 0x0801 FFFF
64 Kbyte
Sector 5
0x0802 0000 - 0x0803 FFFF
128 Kbyte
Sector 6
0x0804 0000 - 0x0805 FFFF
128 Kbyte
.
.
.
.
.
.
.
.
.
Sector 11
0x080E 0000 - 0x080F FFFF
128 Kbyte
System memory
0x1FFF 0000 - 0x1FFF 77FF
30 Kbyte
OTP area
0x1FFF 7800 - 0x1FFF 7A0F
528 bytes
Option bytes
0x1FFF C000 - 0x1FFF C00F
16 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com