Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0075 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM0075
Description  STM32F10xxx Flash memory microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0075 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM0075 Datasheet HTML 9Page - STMicroelectronics PM0075 Datasheet HTML 10Page - STMicroelectronics PM0075 Datasheet HTML 11Page - STMicroelectronics PM0075 Datasheet HTML 12Page - STMicroelectronics PM0075 Datasheet HTML 13Page - STMicroelectronics PM0075 Datasheet HTML 14Page - STMicroelectronics PM0075 Datasheet HTML 15Page - STMicroelectronics PM0075 Datasheet HTML 16Page - STMicroelectronics PM0075 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
PM0075
Reading/programming the embedded Flash memory
Doc ID 17863 Rev 2
13/31
2.3.2
Unlocking the Flash memory
After reset, the FPEC block is protected. The FLASH_CR register is not accessible in write
mode. An unlocking sequence should be written to the FLASH_KEYR register to open up
the FPEC block. This sequence consists of two write cycles, where two key values (KEY1
and KEY2) are written to the FLASH_KEYR address (refer to Section 2.3.1 for key values).
Any wrong sequence locks up the FPEC block and FLASH_CR register until the next reset.
Also a bus error is returned on a wrong key sequence. This is done after the first write cycle
if KEY1 does not match, or during the second write cycle if KEY1 has been correctly written
but KEY2 does not match. The FPEC block and FLASH_CR register can be locked by the
user’s software by writing the LOCK bit of the FLASH_CR register to 1. In this case, the
FPEC can be unlocked by writing the correct sequence of keys into FLASH_KEYR.
2.3.3
Main Flash memory programming
The main Flash memory can be programmed 16 bits at a time. The program operation is
started when the CPU writes a half-word into a main Flash memory address with the PG bit
of the FLASH_CR register set. Any attempt to write data that are not half-word long will
result in a bus error response from the FPEC. If a read/write operation is initiated during
programming, (BSY bit set), the CPU stalls until the ongoing main Flash memory
programming is over.
Figure 1.
Programming procedure
Read FLASH_CR_LOCK
FLASH_CR_LOCK
= 1
Yes
No
Yes
No
Perform unlock sequency
Write FLASH_CR_PG to 1
Perform half-word write at the
desired address
FLASH_SR_BSY
= 1
Check the programmed value
by reading the programmed
address
ai14307b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com