Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD178F124 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PD178F124
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD178F124 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PD178F124_15 Datasheet HTML 9Page - Renesas Technology Corp PD178F124_15 Datasheet HTML 10Page - Renesas Technology Corp PD178F124_15 Datasheet HTML 11Page - Renesas Technology Corp PD178F124_15 Datasheet HTML 12Page - Renesas Technology Corp PD178F124_15 Datasheet HTML 13Page - Renesas Technology Corp PD178F124_15 Datasheet HTML 14Page - Renesas Technology Corp PD178F124_15 Datasheet HTML 15Page - Renesas Technology Corp PD178F124_15 Datasheet HTML 16Page - Renesas Technology Corp PD178F124_15 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
11
µPD178F124
Data Sheet U14933EJ1V0DS00
2. PIN FUNCTION LIST
2.1 Port Pins
Pin Name
I/O
Function
At Reset
Shared by:
P00-P04
I/O
Port 0.
Input
INTP0-INTP4
7-bit I/O port.
P05, P06
Can be set in input or output mode in 1-bit units.
—
P10-P15
Input
Port 1.
Input
ANI0-ANI5
6-bit input port.
P30-P32
I/O
Port 3.
Input
—
P33
8-bit I/O port.
TI50
P34
Can be set in input or output mode in 1-bit units.
TI51
P35
—
P36
BEEP0
P37
—
P40-47
I/O
Port 4.
Input
—
8-bit I/O port.
Can be set in input or output mode in 1-bit units.
Internal pull-up resistors can be specified in software.
Interrupt function by key input is provided.
P50-P57
I/O
Port 5.
Input
—
8-bit I/O port.
Can be set in input or output mode in 1-bit units.
P60-P67
I/O
Port 6.
Input
—
8-bit I/O port.
Can be set in input or output mode in 1-bit units.
P70
I/O
Port 7.
Input
SI3
P71
8-bit I/O port.
SO3
P72
Can be set in input or output mode in 1-bit units.
SCK3
P73
—
P74
RXD0
P75
TXD0
P76
SDA0
P77
SCL0
P120-P125
I/O
Port 12.
Input
—
6-bit I/O port.
Can be set in input or output mode in 1-bit units.
P130
Output
Port 13.
Low-level
TO50
P131
3-bit output port.
output
TO51
P132
N-ch open-drain output port (12 V withstand)
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com