Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2909 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2909
Description  Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2909 Datasheet(HTML) 1 Page - Linear Technology

  LTC2909 Datasheet HTML 1Page - Linear Technology LTC2909 Datasheet HTML 2Page - Linear Technology LTC2909 Datasheet HTML 3Page - Linear Technology LTC2909 Datasheet HTML 4Page - Linear Technology LTC2909 Datasheet HTML 5Page - Linear Technology LTC2909 Datasheet HTML 6Page - Linear Technology LTC2909 Datasheet HTML 7Page - Linear Technology LTC2909 Datasheet HTML 8Page - Linear Technology LTC2909 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2909
1
2909fb
SEL Pin Connection for Input Polarity
Combinations
POLARITY
ADJ1
ADJ2
SEL PIN
++
VCC
+–
OPEN
––
GND
Precision Triple/Dual Input
UV, OV and Negative
Voltage Monitor
■
Desktop and Notebook Computers
■
Handheld Devices
■
Network Servers
■
Core, I/O Monitor
■
Automotive
■
Two Low Voltage Adjustable Inputs (0.5V)
■
Pin Selectable Input Polarity Allows Negative
and OV Monitoring
■
Guaranteed Threshold Accuracy: ±1.5%
■
6.5V Shunt Regulator for High Voltage Operation
■
Low 50μA Quiescent Current
■
Buffered 1V Reference for Negative Supply Offset
■
Input Glitch Rejection
■
Adjustable Reset Timeout Period
■
Selectable Internal Timeout Saves Components
■
Open-Drain ⎯R⎯S⎯T Output
■
Accurate UVLO for 2.5V, 3.3V, 5V Systems
■
Ultralow Voltage Reset: VCC = 0.5V Guaranteed
■
Space Saving 8-Lead TSOT-23 and 3mm × 2mm DFN
Packages
3.3V UV/OV (Window) Monitor Application with
200ms Internal Timeout (3.3V Logic Out)
VCC
ADJ1
LTC2909-2.5
REF
ADJ2
RST
SEL
RPU
10k
FAULT
OUTPUT
2909 TA01a
RP6
453k
3.3V
RP5
10.7k
RP4
76.8k
CBYP
100nF
TMR
GND
The LTC®2909 is a dual input monitor intended for a variety
of system monitoring applications. Polarity selection and
a buffered reference output allow the LTC2909 to monitor
positive and negative supplies for undervoltage (UV) and
overvoltage (OV) conditions.
The two inputs have a nominal 0.5V threshold, featuring
tight 1.5% threshold accuracy over the entire operating
temperature range. Glitch filtering ensures reliable reset
operation without false triggering. A third fixed-threshold
UVLO monitor on the part’s VCC (also 1.5% accuracy) is
available for standard logic supplies.
The common reset output has a timeout that may use
a preset 200ms, be set by an external capacitor or be
disabled. A three-state input pin sets the input polarity
of each adjustable input without requiring any external
components.
The LTC2909 provides a highly versatile, precise, space-
conscious, micropower solution for supply monitoring.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC2909

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2909 LINER-LTC2909 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC2909 LINER-LTC2909 Datasheet
291Kb / 24P
High Voltage Surge
LTC2909 LINER-LTC2909 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
More results

Similar Description - LTC2909

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
Dual UV/OV Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
Quad UV/OV Positive/Negative Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
Single UV/OV Voltage Monitor
LTC2919 LINER-LTC2919 Datasheet
200Kb / 16P
Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
Single UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
Dual UV/OV Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
Quad UV/OV Positive/Negative Voltage Monitor
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com