Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST9 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 64Page - STMicroelectronics ST9 Datasheet HTML 65Page - STMicroelectronics ST9 Datasheet HTML 66Page - STMicroelectronics ST9 Datasheet HTML 67Page - STMicroelectronics ST9 Datasheet HTML 68Page - STMicroelectronics ST9 Datasheet HTML 69Page - STMicroelectronics ST9 Datasheet HTML 70Page - STMicroelectronics ST9 Datasheet HTML 71Page - STMicroelectronics ST9 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 146 page
background image
68/146
ST9 USER GUIDE
4.3 STANDARD AND WATCHDOG TIMERS
You can use this timer both as a regular timer and as a watchdog timer.
4.3.1 Description
The block diagram of the Watchdog Timer is the following:
Figure 27
. Watchdog Timer Simplified Block Diagram
In Counter/Timer mode, the WDT can count pulses coming either from an input pin (WDIN; in
the ST92F150, alternate function of P5.3) or from the internal clock divided by 4. When the in-
ternal clock is used, the external pin, if enabled, can either gate the clock, start the counter, or
WDIN Pin
Input Modes and
Clock Control Logic
Prescaler (8-bit)
16-bit Downcounter
Output Control
Logic
Reset and Interrupt
Control Logic
Reset and
interrupt
request
to the core
INTCLK/4
3 bits of
WDTCR
2 bits of
WDTCR
3 bits of
WDTCR
1 bit of
WCR
WDOUT Pin
INT0 Pin
NMI Pin
2 bits of
EIVR
A detailed block diagram
is provided in Section 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com