Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD16635 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PD16635
Description  240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64 GRAY SCALES)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16635 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PD16635_15 Datasheet HTML 3Page - Renesas Technology Corp PD16635_15 Datasheet HTML 4Page - Renesas Technology Corp PD16635_15 Datasheet HTML 5Page - Renesas Technology Corp PD16635_15 Datasheet HTML 6Page - Renesas Technology Corp PD16635_15 Datasheet HTML 7Page - Renesas Technology Corp PD16635_15 Datasheet HTML 8Page - Renesas Technology Corp PD16635_15 Datasheet HTML 9Page - Renesas Technology Corp PD16635_15 Datasheet HTML 10Page - Renesas Technology Corp PD16635_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
µPD16635
5
4.
PIN FUNCTIONS
Pin Symbol
Pin Name
Description
S1 to S240
Driver output
D00 to D05
Display data input
D10 to D15
D20 to D25
D31 to D35
D40 to D45
D50 to D55
R/L
Shift direction
switching input
STHR
Right shift start
pulse input/output
STHL
Left shift start
pulse input/output
CLK
Shift clock input
STB
Latch input
POL
Polarity input
V0 to V9
γ-corrected power
supplies
TEST
Test pin
VDD1
Logic power supply
VDD2
Driver power supply
VSS1
Logic ground
VSS2
Driver ground
Cautions 1. The power start sequence must be VDD1, logic input, and VDD2 & V0 to V9 in that order. Reverse
this sequence to shut down. (Simultaneous power application to VDD2 and V0 to V9 is possible.)
2. To stabilize the supply voltage, please be sure to insert a 0.1
µF bypass capacitor between
VDD1-VSS1 and VDD2-VSS2. Furthermore, for increased precision of the D/A converter, insertion
of a bypass capacitor of about 0.01
µF is also advised between the γ-corrected power supply
terminals (V0, V1, V2, ···, V9) and VSS2.
The D/A converted 64-gray-scale analog voltage is output.
The display data is input with a width of 36 bits, viz., the gray scale data (6 bits) by
6 dots (2 pixels).
DX0: LSB, DX5: MSB
These refer to the start pulse input/output pins when cascades are connected.
The shift directions of the shift registers are as follows.
R/L = H: STHR input, S1
→ S240, STHL output
R/L = L : STHL input, S240
→ S1, STHR output
R/L = H: Becomes the start pulse input pin.
R/L = L : Becomes the start pulse output pin.
R/L = H: Becomes the start pulse output pin.
R/L = L : Becomes the start pulse input pin.
Refers to the shift register’s shift clock input. The display data is incorporated into
the data register at the rising edge. At the rising edge of the 40th clock after the
start pulse input, the start pulse output reaches the high level, thus becoming the
start pulse of the next-stage driver. The initial-stage driver’s 40th clock becomes
valid as the next-stage driver’s start pulse is input. If 42 clock pulses are input
after input of the start pulse, input of display data is halted automatically. The
contents of the shift register are cleared at the STB’s rising edge.
The contents of the data register are transferred to the latch at the rising edge.
And, at the falling edge, the gray scale voltage is supplied to the driver. It is
necessary to ensure input of one pulse per horizontal period.
POL = L; The S2n–1 output uses V0 to V4 as the reference supply; and the S2n
output uses V5 to V9 as the reference supply.
POL = H; The S2n–1 output uses V5 to V9 as the reference supply; and the S2n
output uses V0 to V4 as the reference supply.
S2n – 1 indicates the odd output; and S2n indicates the even output.
Input of the POL signal is allowed the setup time (tPOL-STB) with respect to STB’s
rising edge.
Input the
γ-corrected power supplies from outside. Make sure to maintain the
following relationships. During the gray scale voltage output, be sure to keep the
gray scale level power supply at a constant level.
VDD2 > V0 > V1 > V2 > V3 > V4 > V5 > V6 > V7 > V8 > V9 > VSS2
Set it to “OPEN”.
3.3 V
± 0.3 V
11.0 V to 13.5 V
Grounding
Grounding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com