Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2960 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2960
Description  36V Nano-Current Two-Input Voltage Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2960 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2960 Datasheet HTML 9Page - Linear Technology LTC2960 Datasheet HTML 10Page - Linear Technology LTC2960 Datasheet HTML 11Page - Linear Technology LTC2960 Datasheet HTML 12Page - Linear Technology LTC2960 Datasheet HTML 13Page - Linear Technology LTC2960 Datasheet HTML 14Page - Linear Technology LTC2960 Datasheet HTML 15Page - Linear Technology LTC2960 Datasheet HTML 16Page - Linear Technology LTC2960 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC2960
13
2960fa
For more information www.linear.com/LTC2960
Typical applicaTions
Figure 8. Configurable Regulator UVLO and Low Battery Indicator
Configurable Regulator UVLO and Low Battery
Indicator
In the circuit of Figure 8, the high voltage open drain
OUT output is used as a configurable UVLO signal for a
switching regulator. A Li-Ion battery can contain protec-
tion circuitry that open circuits its terminals through an
internal switch when it reaches 2.5V. With a threshold of
5.537V the LTC2960 OUT output disables the load before
this occurs in order to prevent damage to the batteries.
In addition to the UVLO signal, the LTC2960 provides a
low battery indicator for the system. Figure 9 shows an
alternative arrangement in which the LTC2960 monitors
the output of the 3.3V regulator to provide a reset signal.
LTC2960-1
LT3991
VIN
VCC
GND
VOUT
EN
ADJ
RT
GND
MR
IN+
RST
OUT
R3
5.11M*
Li-Ion
4.2V
Li-Ion
4.2V
R2
49.9k
VBAT
6V TO 8.4V
VOUT
3.3V
C1
0.1µF
25V
R1
348k
LOW BATTERY
R5
1M
R4
10M
2960 F08
C2
47µF
16V
UVLO FALLING THRESHOLD = 5.537V
RESET FALLING THRESHOLD = 6.33V
NOT ALL LT3991 COMPONENTS SHOWN
BUCK CONVERTER
+
+
*VISHAY-DALE CRCW SERIES 0603 1%
Figure 9. Configurable Regulator UVLO and Supervisor
LTC2960-1
LT3991
VIN
VCC
GND
VOUT
EN
IN+
RT
GND
MR
ADJ
RST
OUT
R2
6.04M
Li-Ion
4.2V
Li-Ion
4.2V
VBAT
6V TO 8.4V
VOUT
3.3V
C1
0.1µF
25V
R1
402k
RESD*
10k
RESET
R6
1M
R4
2.26M
R3
402k
R5
10M
2960 F09
UVLO FALLING THRESHOLD = 6.410V
RESET FALLING THRESHOLD = 2.649V
*OPTIONAL RESISTOR FOR ADDED ESD PROTECTION
+
+
C2
47µF
16V
NOT ALL LT3991 COMPONENTS SHOWN
BUCK CONVERTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com