Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16WS Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BAS16WS
Description  Three Terminals Surface Mount Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAS16WS Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BAS16WS Datasheet HTML 1Page - TAITRON Components Incorporated BAS16WS Datasheet HTML 2Page - TAITRON Components Incorporated BAS16WS Datasheet HTML 3Page - TAITRON Components Incorporated BAS16WS Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-03-14
BAS16WS
Three Terminals
SMD Switching Diode
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Three Terminals Surface Mount Switching Diode
Features
• Fast Switching Diode
• Electrically Identical to Standard JEDEC
• High Conductance
• Fast Reverse Recovery Time
• Low Forward Voltage
• RoHS Compliant
Mechanical Data
Case:
SOT-323, Plastic Case
Terminals:
Solderable per MIL-STD-202G, Method 208
Weight:
Approx. 0.0052 gram
Maximum Ratings & Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BAS16WS
Unit
Conditions
Marking Code
A6
VR
Reverse Voltage
75
V
VRRM
Peak Reverse Voltage
100
V
VRMS
Maximum RMS Voltage
50
V
VDC
Maximum DC Blocking Voltage
75
V
IF(AV)
Average Forward Current
150
mA
IFSM
Peak Forward Surge Current, Pulse
Width=1.0µs
2.0
A
PD
Power Dissipation above 25°C
200
mW
0.715
IF=1mA
0.855
IF=10mA
1.0
IF=50mA
VF
Forward Voltage
1.25
V
IF=150mA
1.0
VR=75V
30
VR=25V, TJ=150° C
IR
Max. Reverse Current
50
µA
VR=75V, TJ=150° C
SOT-323


Similar Part No. - BAS16WS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS16WS WTE-BAS16WS Datasheet
40Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
General Semiconductor
BAS16WS GE-BAS16WS Datasheet
45Kb / 2P
SMALL SIGNAL DIODES
logo
TAITRON Components Inco...
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
Three Terminals SMD Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAS16WS SEMTECH_ELEC-BAS16WS Datasheet
294Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
SynSemi, Inc.
BAS16WS SYNSEMI-BAS16WS Datasheet
38Kb / 2P
SMALL SIGNAL DIODE
More results

Similar Description - BAS16WS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
BAS16 TAITRON-BAS16 Datasheet
184Kb / 5P
Three Terminals SMD Switching Diode
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
Three Terminals SMD Switching Diode
BAV70 TAITRON-BAV70 Datasheet
212Kb / 5P
Three Terminals SMD Switching Diode
MMBD914 TAITRON-MMBD914 Datasheet
274Kb / 5P
Three Terminals SMD Switching Diode
BAS16 TAITRON-BAS16 Datasheet
190Kb / 5P
Three Terminals SMD Switching Diode
BAS16WT TAITRON-BAS16WT Datasheet
233Kb / 4P
Three Terminals Surface Mount Switching Diode
BAS19WS TAITRON-BAS19WS Datasheet
186Kb / 4P
Three Terminals Surface Mount Switching Diode
BAV99-226 TAITRON-BAV99-226 Datasheet
200Kb / 7P
Three Terminals SMD Switching Diode
BAW56 TAITRON-BAW56 Datasheet
242Kb / 6P
Three Terminals SMD Switching Diode
BAW56WS TAITRON-BAW56WS Datasheet
323Kb / 6P
Three Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com