Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD117L Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MJD117L
Description  EPITAXIAL PLANAR PNP TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MJD117L Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MJD117L Datasheet HTML 1Page - KEC(Korea Electronics) MJD117L Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 3. 27
1/2
SEMICONDUCTOR
TECHNICAL DATA
MJD117/L
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 4
MONOLITHIC CONSTRUCTION WITH BUILT IN
BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.
FEATURES
High DC Current Gain.
: hFE=1000(Min.),
VCE=-4V, IC=-1A.
Low Collector-Emitter Saturation Voltage.
Straight Lead (IPAK, "L" Suffix)
Complementary to MJD112/L.
MAXIMUM RATING (Ta=25 )
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.5 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. BASE
2. COLLECTOR
3. EMITTER
1.00 0.10
P
0.95 MAX
Q
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Sustaining Voltage
VCEO(SUS)
IC=-30mA, IB=0
-100
-
-
V
Collector Cut-off Current
ICEO
VCE=-50V, IB=0
-
-
-20
A
ICBO
VCB=-100V, IE=0
-
-
-20
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-2
mA
DC Current Gain
hFE
VCE=-3V, IC=-0.5A
500
-
-
VCE=-3V, IC=-2A
1,000
12,000
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-2A, IB=-8mA
-
-
-2.0
V
Base-Emitter On Voltage
VBE(ON)
VCE=-3V, IC=-2A
-
-
-2.8
V
Current Gain Bandwidth Product
fT
VCE=-10V, IC=0.75A, f=1MHz
25
-
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=0.1MHz
-
-
200
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-2
A
Pulse
-4
Base Current
DC
IB
-50
mA
Collector Power
Dissipation
Ta=25
PC
1.0
W
Tc=25
20
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
C
B
E
R
10kΩ
0.6kΩ
R
1
2
=
=
DIM
MILLIMETERS
IPAK
H
F
F
C
A
P
L
I
J
123
A
B
C
D
E
F
G
H
I
J
L
P
Q
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
9.50 0.6
2.30 0.1
0.76 0.1
1.0 MAX
2.30 0.2
0.5 0.1
0.50 0.1
1.0 0.1
0.90 MAX
G
1. BASE
2. COLLECTOR
3. EMITTER
K
2.0 0.2
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_


Similar Part No. - MJD117L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD117 ONSEMI-MJD117 Datasheet
147Kb / 8P
Complementary Darlington Power Transistors
August, 2004 ??Rev. 5
logo
STMicroelectronics
MJD117 STMICROELECTRONICS-MJD117 Datasheet
84Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Sep-1997
logo
Fairchild Semiconductor
MJD117 FAIRCHILD-MJD117 Datasheet
59Kb / 5P
D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD117 ONSEMI-MJD117 Datasheet
101Kb / 8P
Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
logo
STMicroelectronics
MJD117 STMICROELECTRONICS-MJD117 Datasheet
250Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jan-2003
More results

Similar Description - MJD117L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIP105 FAIRCHILD-TIP105 Datasheet
50Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
KEC(Korea Electronics)
MJD112 KEC-MJD112 Datasheet
394Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
TIP112 KEC-TIP112 Datasheet
74Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
TIP112F KEC-TIP112F Datasheet
41Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
TIP117 KEC-TIP117 Datasheet
75Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
TIP117F KEC-TIP117F Datasheet
42Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
logo
SemiHow Co.,Ltd.
TIP100 SEMIHOW-TIP100 Datasheet
744Kb / 5P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP125 SEMIHOW-TIP125 Datasheet
510Kb / 5P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP106 SEMIHOW-TIP106_10 Datasheet
750Kb / 5P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP140T TAI-SAW-TIP140T_11 Datasheet
574Kb / 5P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com