Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS116 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BAS116
Description  Three Terminals SMD Low Leakage Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAS116 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BAS116 Datasheet HTML 1Page - TAITRON Components Incorporated BAS116 Datasheet HTML 2Page - TAITRON Components Incorporated BAS116 Datasheet HTML 3Page - TAITRON Components Incorporated BAS116 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. B/CH
BAS116/BAW156/BAV170/BAV199
Three Terminals SMD Low
Leakage Switching Diode
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Three Terminals SMD Low Leakage Switching Diode
Features
• Surface mount package ideally suited for automatic insertion
• Very low leakage current
• Low capacitance
• RoHS Compliant
Mechanical Data
Case:
SOT-23, Plastic Package
Terminals:
Solderable per MIL-STD-202G, Method 208
Weight:
Approx. 0.008 gram
Maximum Ratings* (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BAS116
BAW156
BAV170
BAV199
Unit
Conditions
Pinout Figure
1
5
4
3
Marking Code
PA
P4
P3
PB
VR
Reverse Voltage
75
V
VRRM
Peak Reverse Voltage
100
V
IF(AV)
Average Rectified Continuous
Forward Current
0.2
A
IFSM
Non-Repetitive Peak Forward Surge
Current at t=1µS
2.0
A
PD
Power Dissipation FR-5 Board
250
mW
Note 1
RthJA
Thermal Resistance, Junction to
Ambient
500
° C/W
Note 1
TJ,
TSTG
Operating Junction and Storage
Temperature Range
-55 to +150
° C
Note: 1: FR-5=1.0X0.75X0.062”
SOT-23


Similar Part No. - BAS116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS116 PHILIPS-BAS116 Datasheet
52Kb / 8P
Low-leakage diode
1999 May 26
logo
Siemens Semiconductor G...
BAS116 SIEMENS-BAS116 Datasheet
98Kb / 4P
Silicon Low Leakage Diode (Low-leakage applications Medium speed switching times Single diode)
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAS116 INFINEON-BAS116 Datasheet
444Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
344Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30233 Rev. 7 - 2
More results

Similar Description - BAS116

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
BAS16 TAITRON-BAS16 Datasheet
184Kb / 5P
Three Terminals SMD Switching Diode
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
Three Terminals SMD Switching Diode
BAV70 TAITRON-BAV70 Datasheet
212Kb / 5P
Three Terminals SMD Switching Diode
MMBD914 TAITRON-MMBD914 Datasheet
274Kb / 5P
Three Terminals SMD Switching Diode
MMBD4148 TAITRON-MMBD4148 Datasheet
239Kb / 5P
Three Terminals SMD Switching Diodes
BAS16 TAITRON-BAS16 Datasheet
190Kb / 5P
Three Terminals SMD Switching Diode
BAV99 TAITRON-BAV99 Datasheet
321Kb / 5P
Three Terminals SMD Switching Diode
BAV99-226 TAITRON-BAV99-226 Datasheet
200Kb / 7P
Three Terminals SMD Switching Diode
BAW56 TAITRON-BAW56 Datasheet
242Kb / 6P
Three Terminals SMD Switching Diode
BAW56WS TAITRON-BAW56WS Datasheet
323Kb / 6P
Three Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com