Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3402 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3402
Description  2A, 3MHz Micropower Synchronous Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 8Page - Linear Technology LTC3402 Datasheet HTML 9Page - Linear Technology LTC3402 Datasheet HTML 10Page - Linear Technology LTC3402 Datasheet HTML 11Page - Linear Technology LTC3402 Datasheet HTML 12Page - Linear Technology LTC3402 Datasheet HTML 13Page - Linear Technology LTC3402 Datasheet HTML 14Page - Linear Technology LTC3402 Datasheet HTML 15Page - Linear Technology LTC3402 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC3402
3402fb
3
10
2
6
1
3404 TA05a
LTC3402
VIN
SHDN
MODE/SYNC
PGOOD
Rt
SW
VOUT
FB
VC
GND
4
7
8
9
5
C3
470pF
C4
20pF
1
CELL
C1
3.3
μF
R3
1M
R5
39k
R2
866k
R1
619k
D1
VOUT
3V
500mA
L1
2.2
μH
C2
10
μF
C1: TAIYO YUDEN JMK212BJ335MG
C2: TAIYO YUDEN JMK325BJ106MM
D1: ON SEMICONDUCTOR MBRM120T3
L1: COILCRAFT DO1608-222
VIN = 0.9V TO 1.5V
0 = FIXED FREQUENCY
1 = Burst Mode OPERATION
Rt
10k
+
R4
5.1M
TYPICAL APPLICATIO S
Single Cell to 3V at 500mA, All Ceramic Capacitor, 3MHz Step-Up Converter
Efficiency
OUTPUT CURRENT (mA)
20
40
50
70
90
0.1
10
100
1000
3402 TA05b
0
1
60
30
10
80
Burst Mode
OPERATION
3MHz FIXED
FREQUENCY
Li-Ion to 5V at 300mA, 1MHz Step-Up Converter
Efficiency
3
10
2
6
1
3402 TA07a
LTC3402
VIN
SHDN
MODE/SYNC
PGOOD
Rt
SW
VOUT
FB
VC
GND
4
7
8
9
5
C3
470pF
C4
4.7pF
Li-Ion
C1
4.7
μF
R3
1M
R5
82k
Rt
30.1k
R2
1.65M
R1
549k
D1*
VOUT
5V
600mA
L1
10
μH
C2*
22
μF
*LOCATE COMPONENTS AS CLOSE TO
IC AS POSSIBLE
C1: TAIYO YUDEN JMK212BJ475MG
C2: TAIYO YUDEN JMK325BJ226MM
D1: ON SEMICONDUCTOR MBRM120T3
L1: SUMIDA CDH53-100
VIN = 2.5V TO 4.2V
0 = FIXED FREQUENCY
1 = Burst Mode OPERATION
LOAD CURRENT (mA)
0.1
0
10
30
40
50
100
70
3402 G10
20
80
90
60
110
100
1000
1MHz
FIXED
FREQUENCY
Burst Mode OPERATION
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com