Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0235 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN0235
Description  This document contains a list of frequently
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0235 Datasheet(HTML) 4 Page - STMicroelectronics

  TN0235 Datasheet HTML 1Page - STMicroelectronics TN0235 Datasheet HTML 2Page - STMicroelectronics TN0235 Datasheet HTML 3Page - STMicroelectronics TN0235 Datasheet HTML 4Page - STMicroelectronics TN0235 Datasheet HTML 5Page - STMicroelectronics TN0235 Datasheet HTML 6Page - STMicroelectronics TN0235 Datasheet HTML 7Page - STMicroelectronics TN0235 Datasheet HTML 8Page - STMicroelectronics TN0235 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FAAQs and answers
TN0235
4/9
Doc ID 17218 Rev 1
2.3
What are the main features and benefits of the STM8T141
solution?
●
Single channel capacitive sensor for touch or proximity detection with four user
configurable sensitivity levels to accommodate different dielectric panel thicknesses
and materials.
●
One configurable output to report touch or proximity detection (active, toggle and latch
modes).
●
Compact 8-pin package: UFDFPN8 (3 x 2 mm) or SO8 narrow
●
On-chip voltage regulator to enhance the detection sensitivity and stability while
offering high-level immunity against noise.
●
Four selectable power modes including 11µA in extreme low power mode and 30 µA in
normal mode.
●
2.0 V to 5.5 V voltage range suitable for most battery powered applications.
●
Environment compensation filter and automatic calibration. There is no need for
production line calibration or user calibration.
●
Built-in driven shield function to enhance proximity detection and protect sensing
electrode from noise.
●
Detection timeout resets the output state after a configurable period of activation (15 s,
45 s, or infinite). This allows the device to recover from false detection due to drastic
changes in the surroundings.
2.4
What is the driven shield feature designed for?
When powered with 4.5 V or more, the STM8T141 offers a built-in shielding function. It
allows the sensing electrode to be placed at a distance from electronics or protects the
electrode from unwanted environmental interference. The shield principle consists of
actively driving the shield plane or element with the same signal waveform as the electrode
one. It significantly reduces the impact of the capacitance electrode/shield on the sensed
result.
2.5
Is a specific calibration required in the production of the
application or during its lifetime?
The device calibrates when powered up thus it compensates for any process variations
during the production cycle (for example, panel thickness variation between different
production lots).
Over time, the device also adapts automatically its own internal reference values to
compensate for any changes in power supply, temperature, and moisture.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com