Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0280 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TN0280
Description  Migrating from the LRI2K to the LRI1K RFID IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0280 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TN0280 Datasheet HTML 2Page - STMicroelectronics TN0280 Datasheet HTML 3Page - STMicroelectronics TN0280 Datasheet HTML 4Page - STMicroelectronics TN0280 Datasheet HTML 5Page - STMicroelectronics TN0280 Datasheet HTML 6Page - STMicroelectronics TN0280 Datasheet HTML 7Page - STMicroelectronics TN0280 Datasheet HTML 8Page - STMicroelectronics TN0280 Datasheet HTML 9Page - STMicroelectronics TN0280 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Memory mapping
TN0280
6/12
Doc ID 17392 Rev 1
3
Memory mapping
Table 3 summarizes the memory mapping information for LRI2K and LRI1K.
Table 3.
Memory mapping
Features
LRI2K
LRI1K
UID
64 bits
64 bits
Memory size
2048 bits
1024 bits
Block size
32 bits
32 bits
Memory array last address
3Fh
1Fh
RF programming time tW including verify
5.8 ms
5.8 ms
Erase/write cycles
1 million
1 million



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com